Electronic Components Datasheet Search
  English  ▼

X  

MRF134 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF134
Description  N.CHANNEL MOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF134 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button MRF134 Datasheet HTML 2Page - Tyco Electronics MRF134 Datasheet HTML 3Page - Tyco Electronics MRF134 Datasheet HTML 4Page - Tyco Electronics MRF134 Datasheet HTML 5Page - Tyco Electronics MRF134 Datasheet HTML 6Page - Tyco Electronics MRF134 Datasheet HTML 7Page - Tyco Electronics MRF134 Datasheet HTML 8Page - Tyco Electronics MRF134 Datasheet HTML 9Page - Tyco Electronics MRF134 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
f
S11
S21
S12
S22
f
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
1.0
0.989
–1.0
11.27
179
0.0014
89
0.954
–1.0
2.0
0.989
–2.0
11.27
179
0.0028
89
0.954
–2.0
5.0
0.988
–5.0
11.26
176
0.0069
86
0.954
–4.0
10
0.985
–10
11.20
173
0.014
83
0.951
–9.0
20
0.977
–20
10.99
166
0.027
76
0.938
–18
30
0.965
–30
10.66
159
0.039
69
0.918
–26
40
0.950
–39
10.25
153
0.051
63
0.895
–34
50
0.931
–47
9.777
147
0.060
57
0.867
–42
60
0.912
–53
9.359
142
0.069
53
0.846
–49
70
0.892
–58
8.960
138
0.077
49
0.828
–56
80
0.874
–62
8.583
135
0.085
46
0.815
–62
90
0.855
–66
8.190
131
0.091
43
0.801
–68
100
0.833
–70
7.808
128
0.096
40
0.785
–74
110
0.827
–73
7.661
125
0.101
38
0.784
–77
120
0.821
–76
7.515
122
0.107
36
0.784
–82
130
0.814
–79
7.368
119
0.113
34
0.784
–85
140
0.808
–82
7.222
116
0.119
32
0.783
–88
150
0.802
–86
7.075
114
0.125
31
0.783
–90
160
0.788
–89
6.810
112
0.127
30
0.780
–92
170
0.774
–92
6.540
110
0.128
28
0.774
–94
180
0.763
–94
6.220
108
0.130
26
0.762
–98
190
0.751
–97
5.903
106
0.132
24
0.760
–100
200
0.740
–100
5.784
104
0.134
23
0.758
–103
225
0.719
–104
5.334
100
0.136
20
0.757
–107
250
0.704
–108
4.904
97
0.139
19
0.758
–110
275
0.687
–113
4.551
92
0.141
16
0.757
–114
300
0.673
–117
4.219
89
0.141
14
0.750
–117
325
0.668
–120
3.978
86
0.142
12
0.757
–120
350
0.669
–123
3.737
83
0.142
10
0.766
–121
375
0.662
–125
3.519
80
0.143
9.0
0.768
–123
400
0.654
–127
3.325
77
0.142
8.0
0.772
–124
425
0.650
–129
3.170
75
0.140
7.0
0.772
–125
450
0.638
–131
3.048
72
0.141
6.0
0.783
–125
475
0.614
–132
2.898
71
0.136
6.0
0.786
–126
500
0.641
–133
2.833
68
0.136
5.0
0.795
–127
525
0.638
–135
2.709
66
0.135
5.0
0.801
–127
550
0.633
–137
2.574
64
0.133
4.0
0.802
–128
575
0.628
–138
2.481
62
0.131
5.0
0.805
–128
600
0.625
–140
2.408
60
0.129
5.0
0.814
–128
The Power RF characterization data were measured with a 68 ohm resistor shunting the MRF134 input port.
(continued)
The scattering parameters were measured on the MRF134 device alone with no external components.
Table 1. Common Source Scattering Parameters
VDS = 28 V, ID = 100 mA
6
REV 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com