Electronic Components Datasheet Search
  English  ▼

X  

SGA8343Z Datasheet(PDF) 10 Page - RF Micro Devices

Part # SGA8343Z
Description  LOW NOISE, HIGH GAIN SiGe HBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA8343Z Datasheet(HTML) 10 Page - RF Micro Devices

Back Button SGA8343Z Datasheet HTML 5Page - RF Micro Devices SGA8343Z Datasheet HTML 6Page - RF Micro Devices SGA8343Z Datasheet HTML 7Page - RF Micro Devices SGA8343Z Datasheet HTML 8Page - RF Micro Devices SGA8343Z Datasheet HTML 9Page - RF Micro Devices SGA8343Z Datasheet HTML 10Page - RF Micro Devices SGA8343Z Datasheet HTML 11Page - RF Micro Devices SGA8343Z Datasheet HTML 12Page - RF Micro Devices SGA8343Z Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 of 13
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA8343Z
SGA8343Z-EVB3 2400MHz to 2500MHz Evaluation Board
Ref. Des
Part Number
Value
C1, 3, 6, 7
ROHM MCH185A5R6D
5.6pF
C2
ROHM MCH185AO10C
1.0pF
C4. 5
Samsung CL 10B104KONC
0.1
F
L1
TOKO LL 1608-FS10NJ
10nH
L2
TOKO LL 1608-FS2N7S
2.7nH
R1, 4
ROHM MCR03J100
10
R2
ROHM MCR03J102
1K
R3
ROHM MCR03J222
2.2K
R5
ROHM MCR50J620
62
Z1
non-critical
50
Z2
8.2 degrees at 2440MHz
50
Z3
21.7 degrees at 2440MHz
50
Z4
6.2 degrees at 2440MHz
50
Z5
6.2 degrees at 2440MHz
50
Z6
23.8 degrees at 2440MHz
50
Z7
non-critical
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com