Electronic Components Datasheet Search
  English  ▼

X  

SGA8343Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA8343Z
Description  LOW NOISE, HIGH GAIN SiGe HBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA8343Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA8343Z Datasheet HTML 1Page - RF Micro Devices SGA8343Z Datasheet HTML 2Page - RF Micro Devices SGA8343Z Datasheet HTML 3Page - RF Micro Devices SGA8343Z Datasheet HTML 4Page - RF Micro Devices SGA8343Z Datasheet HTML 5Page - RF Micro Devices SGA8343Z Datasheet HTML 6Page - RF Micro Devices SGA8343Z Datasheet HTML 7Page - RF Micro Devices SGA8343Z Datasheet HTML 8Page - RF Micro Devices SGA8343Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4 of 13
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA8343Z
Recommended PCB Layout
Use multiple plated-thru via holes located close to the package pins to ensure a good RF ground connection to a continuous
groundplane on the backside of the board.
Typical Performance - Noise Parameters - 3V, 10mA
Frequency
(GHz)
NFMIN
(dB)[5]
OPT
Mag<Ang
rn
(
)
GMAX
(dB)
0.9
0.94
0.10<55
0.11
23.88
1.9
1.1
0.71<125
0.10
19.33
2.4
1.18
0.25<157
0.09
17.66
3
1.27
0.23<179
0.09
15.01
4
1.5
0.29<-150
0.12
11.94
5
1.73
0.42<-122
0.18
9.84
6
2.02
0.55<-110
0.24
8.62
[5] ZS=OPT, ZL=ZL*, NFMIN is a noise parameter for which the input matching circuit losses have been de-embedded. The
noise parameters were measured using a Maury Microwave Automated Tuner System. The device was mounted on a 0.010”
PCB with plated-thru holes close to pins 2 and 4.
Pin
Function
Description
1BASE
RF input/base pin.
2, 4
EMITTER
Connection to ground. Use multiple via holes to reduce emitter inductance.
3
COLLECTOR RF output/collector bias.
SOT-343
Package
Plated Thru
Holes
(0.020" DIA)
Ground
Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com