Electronic Components Datasheet Search
  English  ▼

X  

SGA8343Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGA8343Z
Description  LOW NOISE, HIGH GAIN SiGe HBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA8343Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGA8343Z Datasheet HTML 1Page - RF Micro Devices SGA8343Z Datasheet HTML 2Page - RF Micro Devices SGA8343Z Datasheet HTML 3Page - RF Micro Devices SGA8343Z Datasheet HTML 4Page - RF Micro Devices SGA8343Z Datasheet HTML 5Page - RF Micro Devices SGA8343Z Datasheet HTML 6Page - RF Micro Devices SGA8343Z Datasheet HTML 7Page - RF Micro Devices SGA8343Z Datasheet HTML 8Page - RF Micro Devices SGA8343Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 of 13
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA8343Z
Typical Performance - Engineering Application Circuits
Peak Performance Under Optimum Matching Conditions
Absolute Maximum Ratings
Parameter
Rating
Unit
Collector Current (ICE)
72
mA
Base Current (IB)
1
mA
Collector - Emitter Voltage (VCE)
5
V
Collector - Base Voltage (VCB)
12
V
Emitter - Base Voltage (VEB)
4.5
V
RF Input Power (PIN)
5
dBm
Storage Temperature Range (TSTOR)
-40 to +150
°C
Power Dissipation (PDISS)
350
mW
operating Junction Temperature (TJ)
+150
°C
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Freq
(GHz)
VS
(V)
VCE
(V)
ICQ
(mA)
NF
(dB)
Gain
(dB)
P1dB
(dBm)
OIP3[1]
(dBm)
S11
(dB)
S22
(dB)
Comments
0.90
53.0
3.0
12
1.25
18.2
9
27.3
-16
-18
series feedback
1.575
3.3
2.7
10
1.25
15.7
6.8
26.5
-10
-25
1.90
5.0
3.0
12
1.4
16.5
9
27.8
-9
-24
2.40
3.3
2.7
10
1.6
14.4
9
27.5
-13
-24
[3] POUT=0dBm per tone, 1MHz tone spacing.
Refer to the application note for additional RF data, PCB layouts, BOMs, biasing instructions, and other key issue to be considered.
Freq
(GHz)
VCE
(V)
ICQ
(mA)
NF
(dB)[2]
GMAX
(dB)
P1dB
(dBm)[4]
OIP3
(dBm)[4]
0.90
2
10
0.90
23.7
10
25
0.90
3
10
0.94
23.9
13
29
1.90
2
10
1.05
19.1
10
25
1.90
3
10
1.10
19.3
13
29
2.40
2
10
1.15
17.4
10
25
2.40
3
10
1.18
17.7
13
29
[2] ZS=OPT, ZL=ZL*, The input matching circuit loss have been de-embedded.
[3] ZS=ZSOPT, ZL=ZLOPT, where ZSOPT and ZLOPT have been tuned for max P1dB (current allowed to drive-up with constant VCE).
[4] ZS=ZSOPT, ZL=ZLOPT, where ZSOPT and ZLOPT have been tuned for max OIP3.
Note: Optimum NF, P1dB, and OIP3 performance cannot be achieved simultaneously.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com