Electronic Components Datasheet Search
  English  ▼

X  

SGA8343Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SGA8343Z
Description  LOW NOISE, HIGH GAIN SiGe HBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA8343Z Datasheet(HTML) 3 Page - RF Micro Devices

  SGA8343Z Datasheet HTML 1Page - RF Micro Devices SGA8343Z Datasheet HTML 2Page - RF Micro Devices SGA8343Z Datasheet HTML 3Page - RF Micro Devices SGA8343Z Datasheet HTML 4Page - RF Micro Devices SGA8343Z Datasheet HTML 5Page - RF Micro Devices SGA8343Z Datasheet HTML 6Page - RF Micro Devices SGA8343Z Datasheet HTML 7Page - RF Micro Devices SGA8343Z Datasheet HTML 8Page - RF Micro Devices SGA8343Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 of 13
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA8343Z
Typical Performance - De-embedded S-Parameters
S11 versus Frequency
S22 versus Frequency
Note:
S-parameters are de-embedded to the device leads with ZS=ZL=50
. De-embedded S-parameters can be downloaded from
our website (www.rfmd.com)
0
5
10
15
20
25
30
35
40
0
1
234
5
678
-40
-35
-30
-25
-20
-15
-10
-5
0
Gain vs Frequency (3V,10mA)
Frequency (GHz)
Isolation
Gmax
Gain
0
0.4
0.8
1.2
1.6
2
2.4
01
23
45
67
0
5
10
15
20
25
30
F
MIN
G
AS
Minimum Noise Figure (3V,10mA)
Frequency (GHz)
S11,S22 vs Frequency (3V,10mA)
0.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
inf
0.2
0.5
1.0
2.0
5.0
1 GHz
4 GHz
8 GHz
6 GHz
3 GHz
2 GHz
S11
S22
ΓΓΓΓΓ
OPT (3V,10mA)
0.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
inf
0.2
0.5
1.0
2.0
5.0
0.9 GHz
4 GHz
5 GHz
6 GHz
3 GHz
1.9 GHz
2.4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com