Electronic Components Datasheet Search
  English  ▼

X  

SGA8343Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA8343Z
Description  LOW NOISE, HIGH GAIN SiGe HBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA8343Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA8343Z Datasheet HTML 1Page - RF Micro Devices SGA8343Z Datasheet HTML 2Page - RF Micro Devices SGA8343Z Datasheet HTML 3Page - RF Micro Devices SGA8343Z Datasheet HTML 4Page - RF Micro Devices SGA8343Z Datasheet HTML 5Page - RF Micro Devices SGA8343Z Datasheet HTML 6Page - RF Micro Devices SGA8343Z Datasheet HTML 7Page - RF Micro Devices SGA8343Z Datasheet HTML 8Page - RF Micro Devices SGA8343Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
1 of 13
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SGA8343Z
LOW NOISE, HIGH GAIN SiGe HBT
RFMD’s SGA8343Z is a high performance Silicon Germanium Hetero-
structure Bipolar Transistor (SiGe HBT) designed for operation from DC to
6GHz. The SGA8343Z is optimized for 3V operation but can be biased at
2V for low-voltage battery operated systems. The device provides high
gain, low NF, and excellent linearity at a low cost. It can be operated at
very low bias currents in applications where high linearity is not required.
The matte tin finish on the lead-free package utilizes a post annealing pro-
cess to mitigate tin whisker formation and is RoHS compliant per EU Direc-
tive 2002/95. This package is also manufactured with
green molding compounds that contain no antimony tri-
oxide nor halogenated fire retardants.
0
5
10
15
20
25
30
35
40
012
3
4
567
8
0
0. 3
0. 6
0. 9
1. 2
1. 5
1. 8
2. 1
2. 4
Frequency (GHz)
Gmax
Gain
NF
MIN
Typical Performance - 3V, 10mA
DC to 6GHz Operation
0.9dB NFMIN at 0.9GHz
24dB GMAX at 0.9GHz
|GOPT|=0.10 at 0.9GHz
OIP3=+28dBm, P1dB=+9dBm
Low Cost, High Performance, Ver-
satility
Applications
Analog and Digital Wireless Sys-
tems
3G, Cellular, PCS, RFID
Fixed Wireless, Pager Systems
Driver Stage for Low Power Appli-
cations
Oscillators
DS110620
Package: SOT-343
SGA8343ZLow
Noise, High
Gain SiGe HBT
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Maximum Available Gain
23.9
dB
0.9GHz, ZS=ZS*, ZL=ZL*
19.3
dB
1.9GHz
17.7
dB
2.4GHz
Minimum Noise Figure
0.94
dB
0.9GHz, ZS=GammaOPT, ZL=ZL*
1.10
dB
1.9GHz
1.18
dB
2.4GHz
Insertion Gain
21.0
22.0
23.0
dB
0.9GHz, ZS=ZL=50
Noise Figure
1.40
1.75
dB
1.9GHz, LNA Application Circuit Board[2]
Gain
15.5
16.5
17.5
dB
1.9GHz, LNA Application Circuit Board[2]
Output Third Order Intercept Point
25.8
27.8
dBm
1.9GHz, LNA Application Circuit Board[2]
Output 1dB Compression Point
7.5
9.0
dBm
1.9GHz, LNA Application Circuit Board[2]
DC Current Gain
120
180
300
Breakdown Voltage
5.7
6.0
V
collector - emitter
Thermal Resistance
200
°C/W
junction - lead
Operating Voltage
4.0
V
collector - emitter
Operating Current
50
mA
collector - emitter
Test ConditionsCE=3V, ICQ=10mA, 25°C (unless otherwise noted), [1] 100% tested - Insertion gain tested using a 50W contact board (no matching cir-
cuitry) during final production test. [2] Sample tested - Samples pulled from each wafer/package lot. Sample test specifications are based on statisti-
cal data from sample test measurements. The test fixture is an engineering application circuit board (parts are pressed down on the board). The
application circuit represents a trade-off between the optimal noise match and input return loss.


Similar Part No. - SGA8343Z

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SGA8343Z QORVO-SGA8343Z Datasheet
790Kb / 12P
Heterostructure Bipolar Transistor
logo
SIRENZA MICRODEVICES
SGA8343Z SIRENZA-SGA8343Z Datasheet
96Kb / 4P
Low Noise, High Gain SiGe HBT
logo
Qorvo, Inc
SGA8343ZPCK1 QORVO-SGA8343ZPCK1 Datasheet
790Kb / 12P
Heterostructure Bipolar Transistor
SGA8343ZPCK2 QORVO-SGA8343ZPCK2 Datasheet
790Kb / 12P
Heterostructure Bipolar Transistor
SGA8343ZPCK3 QORVO-SGA8343ZPCK3 Datasheet
790Kb / 12P
Heterostructure Bipolar Transistor
More results

Similar Description - SGA8343Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-8343 ETC-SGA-8343 Datasheet
181Kb / 4P
Low Noise, High Gain SiGe HBT
logo
Panasonic Semiconductor
MSG33001 PANASONIC-MSG33001 Datasheet
95Kb / 4P
SiGe HBT type For low-noise RF amplifier
MSG43001 PANASONIC-MSG43001 Datasheet
94Kb / 4P
SiGe HBT type For low-noise RF amplifier
MSG43004 PANASONIC-MSG43004 Datasheet
94Kb / 4P
SiGe HBT type For low-noise RF amplifier
MSG33002 PANASONIC-MSG33002 Datasheet
95Kb / 4P
SIGE HBT TYPE FOR LOW-NOISE RF AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-8343 SIRENZA-SGA-8343 Datasheet
96Kb / 4P
Low Noise, High Gain SiGe HBT
logo
Renesas Technology Corp
NESG3032M14 RENESAS-NESG3032M14 Datasheet
168Kb / 15P
NPN SiGe RF Transistor for Low Noise, High-Gain
NESG3033M14 RENESAS-NESG3033M14 Datasheet
176Kb / 16P
NPN SiGe RF Transistor for Low Noise, High-Gain
logo
RF Micro Devices
SGA6589Z RFMD-SGA6589Z Datasheet
466Kb / 6P
DC to 3500MHz, CASCADABLE LOW NOISE, HIGH GAIN SiGe HBT
logo
SHIKUES Electronics
BFG425W SKTECHNOLGY-BFG425W Datasheet
663Kb / 4P
Microwave, low noise, SiGe NPN HBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com