Electronic Components Datasheet Search
  English  ▼

X  

MAX148 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 6Page - Maxim Integrated Products MAX148 Datasheet HTML 7Page - Maxim Integrated Products MAX148 Datasheet HTML 8Page - Maxim Integrated Products MAX148 Datasheet HTML 9Page - Maxim Integrated Products MAX148 Datasheet HTML 10Page - Maxim Integrated Products MAX148 Datasheet HTML 11Page - Maxim Integrated Products MAX148 Datasheet HTML 12Page - Maxim Integrated Products MAX148 Datasheet HTML 13Page - Maxim Integrated Products MAX148 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
10
______________________________________________________________________________________
How to Start a Conversion
Start a conversion by clocking a control byte into DIN.
With CS low, each rising edge on SCLK clocks a bit from
DIN into the MAX148/MAX149’s internal shift register.
After CS falls, the first arriving logic “1” bit defines the
control byte’s MSB. Until this first “start” bit arrives, any
number of logic “0” bits can be clocked into DIN with no
effect. Table 1 shows the control-byte format.
The MAX148/MAX149 are compatible with SPI/
QSPI and MICROWIRE devices. For SPI, select the cor-
rect clock polarity and sampling edge in the SPI control
registers: set CPOL = 0 and CPHA = 0. MICROWIRE,
SPI, and QSPI all transmit a byte and receive a byte at
the same time. Using the
Typical Operating Circuit, the
simplest software interface requires only three 8-bit
transfers to perform a conversion (one 8-bit transfer to
configure the ADC, and two more 8-bit transfers to clock
out the conversion result). See Figure 20 for MAX148/
MAX149 QSPI connections.
BIT
NAME
DESCRIPTION
7(MSB)
START
The first logic “1” bit after CS goes low defines the beginning of the control byte.
6
SEL2
These three bits select which of the eight channels are used for the conversion (Tables 2 and 3).
5
SEL1
4
SEL0
3
UNI/BIP
1 = unipolar, 0 = bipolar. Selects unipolar or bipolar conversion mode. In unipolar mode, an
analog input signal from 0V to VREF can be converted; in bipolar mode, the signal can range
from -VREF/2 to +VREF/2.
2
SGL/DIF
1 = single ended, 0 = differential. Selects single-ended or differential conversions. In single-
ended mode, input signal voltages are referred to COM. In differential mode, the voltage
difference between two channels is measured (Tables 2 and 3).
1
PD1
Selects clock and power-down modes.
0(LSB)
PD0
PD1
PD0
Mode
0
0
Full power-down
0
1
Fast power-down (MAX149 only)
1
0
Internal clock mode
1
1
External clock mode
Table 1. Control-Byte Format
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(MSB)
(LSB)
START
SEL2
SEL1
SEL0
UNI/BIP
SGL/DIF
PD1
PD0
SEL2
SEL1
SEL0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
0
0
0
+
–
1
0
0
+
–
0
0
1
+
–
1
0
1
+
–
0
1
0
+
–
1
1
0
+
–
0
1
1
+
–
1
1
1
+
–
Table 2. Channel Selection in Single-Ended Mode (SGL/
D
DIIF
F = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com