Electronic Components Datasheet Search
  English  ▼

X  

MAX148 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 11Page - Maxim Integrated Products MAX148 Datasheet HTML 12Page - Maxim Integrated Products MAX148 Datasheet HTML 13Page - Maxim Integrated Products MAX148 Datasheet HTML 14Page - Maxim Integrated Products MAX148 Datasheet HTML 15Page - Maxim Integrated Products MAX148 Datasheet HTML 16Page - Maxim Integrated Products MAX148 Datasheet HTML 17Page - Maxim Integrated Products MAX148 Datasheet HTML 18Page - Maxim Integrated Products MAX148 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
______________________________________________________________________________________
15
delay and maximum sample rate. In external compensa-
tion mode, power-up time is 20ms with a 4.7µF compen-
sation capacitor when the capacitor is initially fully
discharged. From fast power-down, start-up time can be
eliminated by using low-leakage capacitors that do not
discharge more than 1/2LSB while shut down. In power-
down, leakage currents at VREF cause droop on the ref-
erence bypass capacitor. Figures 12a and 12b show
the various power-down sequences in both external and
internal clock modes.
SCLK
DIN
DOUT
CS
S
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 S1 S0
CONVERSION RESULT 1
SSTRB
B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 S1 S0
CONTROL BYTE 2
S
1
8
1
15
15
8
1
Figure 11a. External Clock Mode, 15 Clocks/Conversion Timing
CS
SCLK
DIN
DOUT
S
1
8
16
1
8
16
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 S1 S0
B9
B8
B7
B6
CONVERSION RESULT 1
• • •
• • •
• • •
• • •
Figure 11b. External Clock Mode, 16 Clocks/Conversion Timing
POWERED UP
HARDWARE
POWER-
DOWN
POWERED UP
POWERED UP
10 + 2 DATA BITS
10 + 2 DATA BITS
INVALID
DATA
VALID
DATA
EXTERNAL
EXTERNAL
S X X X X X 1 1
S
0 0
X
X
X
X
X
X X X X X
S
1 1
SOFTWARE
POWER-DOWN
MODE
DOUT
DIN
CLOCK
MODE
SHDN
SETS EXTERNAL
CLOCK MODE
SETS EXTERNAL
CLOCK MODE
SETS SOFTWARE
POWER-DOWN
Figure 12a. Timing Diagram Power-Down Modes, External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com