Electronic Components Datasheet Search
  English  ▼

X  

MAX148 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 7Page - Maxim Integrated Products MAX148 Datasheet HTML 8Page - Maxim Integrated Products MAX148 Datasheet HTML 9Page - Maxim Integrated Products MAX148 Datasheet HTML 10Page - Maxim Integrated Products MAX148 Datasheet HTML 11Page - Maxim Integrated Products MAX148 Datasheet HTML 12Page - Maxim Integrated Products MAX148 Datasheet HTML 13Page - Maxim Integrated Products MAX148 Datasheet HTML 14Page - Maxim Integrated Products MAX148 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
______________________________________________________________________________________
11
Simple Software Interface
Make sure the CPU’s serial interface runs in master
mode so the CPU generates the serial clock. Choose a
clock frequency from 100kHz to 2MHz.
1) Set up the control byte for external clock mode and
call it TB1. TB1 should be of the format: 1XXXXX11
binary, where the Xs denote the particular channel
and conversion mode selected.
2) Use a general-purpose I/O line on the CPU to pull
CS low.
3) Transmit TB1 and, simultaneously, receive a byte
and call it RB1. Ignore RB1.
4) Transmit a byte of all zeros ($00 hex) and, simulta-
neously, receive byte RB2.
5) Transmit a byte of all zeros ($00 hex) and, simulta-
neously, receive byte RB3.
6) Pull CS high.
Figure 6 shows the timing for this sequence. Bytes RB2
and RB3 contain the result of the conversion, padded
with one leading zero, two sub-LSB bits, and three trail-
ing zeros. The total conversion time is a function of the
serial-clock frequency and the amount of idle time
between 8-bit transfers. To avoid excessive T/H droop,
make sure the total conversion time does not exceed
120µs.
Digital Output
In unipolar input mode, the output is straight binary
(Figure 17). For bipolar input mode, the output is twos
complement (Figure 18). Data is clocked out at the
falling edge of SCLK in MSB-first format.
Clock Modes
The MAX148/MAX149 may use either an external
serial clock or the internal clock to perform the succes-
sive-approximation conversion. In both clock modes,
the external clock shifts data in and out of the
SSTRB
CS
SCLK
DIN
DOUT
1
4
8
12
16
20
24
START
SEL2 SEL1 SEL0
UNI/
BIP
SGL/
DIF
PD1
PD0
B9
MSB
B8
B7
B6
B5
B4
B3
B2
B1
S0
S1
B0
LSB
ACQUISITION
(fSCLK = 2MHz)
IDLE
FILLED WITH
ZEROS
IDLE
CONVERSION
tACQ
A/D STATE
RB1
RB2
RB3
1.5
µs
Figure 6. 24-Clock External Clock Mode Conversion Timing (MICROWIRE and SPI-Compatible, QSPI-Compatible with fSCLK ≤ 2MHz)
SEL2
SEL1
SEL0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
0
0
0
+
–
0
0
1
+
–
0
1
0
+
–
0
1
1
+
–
1
0
0
–
+
1
0
1
–
+
1
1
0
–
+
1
1
1
–
+
Table 3. Channel Selection in Differential Mode (SGL/
D
DIIF
F = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com