Electronic Components Datasheet Search
  English  ▼

X  

MAX148 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 16Page - Maxim Integrated Products MAX148 Datasheet HTML 17Page - Maxim Integrated Products MAX148 Datasheet HTML 18Page - Maxim Integrated Products MAX148 Datasheet HTML 19Page - Maxim Integrated Products MAX148 Datasheet HTML 20Page - Maxim Integrated Products MAX148 Datasheet HTML 21Page - Maxim Integrated Products MAX148 Datasheet HTML 22Page - Maxim Integrated Products MAX148 Datasheet HTML 23Page - Maxim Integrated Products MAX148 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
20
______________________________________________________________________________________
Layout, Grounding, and Bypassing
For best performance, use printed circuit boards.
Wire-wrap boards are not recommended. Board layout
should ensure that digital and analog signal lines are
separated from each other. Do not run analog and digi-
tal (especially clock) lines parallel to one another, or
digital lines underneath the ADC package.
Figure 19 shows the recommended system ground
connections. Establish a single-point analog ground
(star ground point) at AGND, separate from the logic
ground. Connect all other analog grounds and DGND
to the star ground. No other digital system ground
should be connected to this ground. For lowest-noise
operation, the ground return to the star ground’s power
supply should be low impedance and as short as
possible.
High-frequency noise in the VDD power supply may
affect the high-speed comparator in the ADC. Bypass
the supply to the star ground with 0.1µF and 1µF
capacitors close to pin 20 of the MAX148/MAX149.
Minimize capacitor lead lengths for best supply-noise
rejection. If the power supply is very noisy, a 10
Ω resis-
tor can be connected as a lowpass filter (Figure 19).
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
MAX148
MAX149
MC683XX
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
SHDN
V
DD
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
REFADJ
VREF
(POWER SUPPLIES)
SCK
PCS0
MOSI
MISO
0.1
µF
1
µF
(GND)
0.1
µF
ANALOG
INPUTS
+3V
+3V
+2.5V
Figure 20. MAX148/MAX149 QSPI Connections, External Reference
XF
CLKX
CLKR
DX
DR
FSR
CS
SCLK
DIN
DOUT
SSTRB
TMS320LC3x
MAX148
MAX149
Figure 21. MAX148/MAX149-to-TMS320 Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com