Electronic Components Datasheet Search
  English  ▼

X  

MAX148 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 12Page - Maxim Integrated Products MAX148 Datasheet HTML 13Page - Maxim Integrated Products MAX148 Datasheet HTML 14Page - Maxim Integrated Products MAX148 Datasheet HTML 15Page - Maxim Integrated Products MAX148 Datasheet HTML 16Page - Maxim Integrated Products MAX148 Datasheet HTML 17Page - Maxim Integrated Products MAX148 Datasheet HTML 18Page - Maxim Integrated Products MAX148 Datasheet HTML 19Page - Maxim Integrated Products MAX148 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
16
______________________________________________________________________________________
Table 6. Hard-Wired Power-Down
and Internal Clock Frequency
PD1
PD0
DEVICE MODE
0
0
Full Power-Down
0
1
Fast Power-Down
1
0
Internal Clock
1
1
External Clock
Table 5. Software Power-Down
and Clock Mode
Figure 13. Average Supply Current vs. Conversion Rate with
External Reference
1000
10,000
0.1
0.1
AVERAGE SUPPLY CURRENT
vs. CONVERSION RATE
WITH EXTERNAL REFERENCE
100
10
1
CONVERSION RATE (Hz)
1
100
10
1k
10k
1M
100k
VREF = VDD = 3.0V
RLOAD = ∞
CODE = 1010101000
1 CHANNEL
8 CHANNELS
Figure 14a. MAX149 Supply Current vs. Conversion Rate,
FULLPD
100
1
0.01
0.1
1
AVERAGE SUPPLY CURRENT
vs. CONVERSION RATE
(USING FULLPD)
10
CONVERSION RATE (Hz)
100
10
1k
RLOAD = ∞
CODE = 1010101000
8 CHANNELS
1 CHANNEL
POWER-DOWN
POWERED UP
POWERED UP
DATA VALID
DATA VALID
INTERNAL
S X X X X X 1 0
S
0 0
X
X
X
X
X
S
MODE
DOUT
DIN
CLOCK
MODE
SETS INTERNAL
CLOCK MODE
SETS
POWER-DOWN
CONVERSION
CONVERSION
SSTRB
Figure 12b. Timing Diagram Power-Down Modes, Internal Clock
N/A
N/A
Power-Down
0
1.8MHz
External
Enabled
Floating
225kHz
Internal
Enabled
1
INTERNAL
CLOCK
FREQUENCY
REFERENCE-
BUFFER
COMPENSATION
DEVICE
MODE
SHDN
STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com