Electronic Components Datasheet Search
  English  ▼

X  

MAX1653EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1653EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1653EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1653EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
OUTPUT
VOLTAGE
LOAD
CURRENT
100mV/div,
AC
2A/div
TIME (10
µs)
VIN = 15V, 3.3V/3A CIRCUIT
LOAD-TRANSIENT RESPONSE
MAX1652-16
OUTPUT
VOLTAGE
LX
VOLTAGE
10mV/div,
AC
5V/div
TIME (5
µs)
VIN = 5.1V, NO LOAD, 3.3V/3A CIRCUIT,
SET TO 5V OUTPUT (FB = VL)
DROPOUT WAVEFORMS
MAX1652-15
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
8
_______________________________________________________________________________________
OUTPUT
VOLTAGE
LX
VOLTAGE
10mV/div,
AC
5V/div
TIME (1
µs)
VIN = 6V, 3.3V/3A CIRCUIT
PULSE-WIDTH-MODULATION
MODE WAVEFORMS
MAX1652-13
OUTPUT
VOLTAGE
LX
VOLTAGE
50mV/div,
AC
5V/div
TIME (2.5
µs)
ILOAD = 300mA, VIN = 10V, 3.3V/3A CIRCUIT
IDLE-MODE WAVEFORMS
MAX1652-14
Typical Operating Characteristics (continued)
(Circuit of Figure 1, SKIP = GND, TA = +25°C, unless otherwise noted.)
0
0.01
10
1
0.1
DROPOUT VOLTAGE vs.
LOAD CURRENT (3.3V/3A CIRCUIT)
100
300
400
200
500
LOAD CURRENT (A)
OUTPUT SET FOR 5V (FB = VL)
VOUT > 4.85V
f = 150kHz
f = 300kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com