Electronic Components Datasheet Search
  English  ▼

X  

MAX1653EEE Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX1653EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1653EEE Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1653EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 20Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 21Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 22Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
______________________________________________________________________________________
19
output voltage as determined by the turns ratio is +15V,
the feedback resistor ratio should be set to produce
about +13.5V; otherwise, the SECFB one-shot might be
triggered unintentionally, causing an unnecessary
increase in supply current and output noise. In negative-
output (MAX1654) applications, the resistor-divider acts
as a load on the internal reference, which in turn can
cause errors at the main output. Avoid overloading REF
(see the Reference Load-Regulation Error vs. Load
Current graph in the
Typical Operating Characteristics).
100k
Ω is a good value for R3 in MAX1654 circuits.
Output current on secondary winding applications is
limited at low input voltages. See the MAX1652
Maximum Secondary Output Current vs. Supply Voltage
graph in the Typical Operating Characteristics for data
from the application circuit of Figure 8.
Soft-Start Circuit (SS)
Soft-start allows a gradual increase of the internal cur-
rent-limit level at start-up for the purpose of reducing
input surge currents, and perhaps for power-supply
sequencing. In shutdown mode, the soft-start circuit
holds the SS capacitor discharged to ground. When
SHDN goes high, a 4µA current source charges the SS
capacitor up to 3.2V. The resulting linear ramp wave-
form causes the internal current-limit level to increase
proportionally from 0 to 100mV. The main output capaci-
tor thus charges up relatively slowly, depending on the
SS capacitor value. The exact time of the output rise
depends on output capacitance and load current and is
typically 1ms per nanofarad of soft-start capacitance.
With no SS capacitor connected, maximum current limit
is reached within 10µs.
Shutdown
Shutdown mode (SHDN = 0V) reduces the V+ supply
current to typically 3µA. In this mode, the reference and
VL are inactive. SHDN is a logic-level input, but it can
be safely driven to the full V+ range. Connect SHDN to
V+ for automatic start-up. Do not allow slow transitions
(slower than 0.02V/µs) on SHDN.
MAX1652
FB
GND
REF
SYNC
SECFB
VL
10
2
11
7
3
5
14
Si9410
Si9410
D2
EC11FS1
T1 = TRANSPOWER TTI5870
* = OPTIONAL, MAY NOT BE NEEDED
16
15
13
D1
CMPSH
-3A
1N5819
12
8
9
VIN (6.5V TO 18V)
+15V AT
250mA
+5V
AT 3A
6
ON/OFF
1
CSL
CSH
BST
V+
DH
LX
DL
PGND
SHDN
SS
0.33
µF
C2
4.7
µF
C3
15
µF
2.5V
220
µF
10V
220
µF
10V
0.1
µF
22
µF, 35V
22
µF, 35V
0.01
µF
20m
Ω
22
Ω*
4700pF*
T1
15
µH
2.2:1
49.9k, 1%
210k, 1%
0.01
µF
(OPTIONAL)
18V
1/4 W
C2
4.7
µF
4
Figure 8. 5V/15V Dual-Output Application Circuit (MAX1652)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com