Electronic Components Datasheet Search
  English  ▼

X  

MAX1653EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1653EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1653EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1653EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, SKIP = GND, TA = +25°C, unless otherwise noted.)
100
50
0.001
0.1
1
0.01
10
EFFICIENCY vs.
LOAD CURRENT (3.3V/1A CIRCUIT)
60
LOAD CURRENT (A)
70
80
90
V+ = 6V
MAX1653
f = 300kHz
V+ = 28V
V+ = 12V
100
50
0.001
0.1
1
0.01
10
EFFICIENCY vs.
LOAD CURRENT (3.3V/2A CIRCUIT)
60
LOAD CURRENT (A)
70
80
90
V+ = 6V
V+ = 28V
V+ = 12V
MAX1653
f = 300kHz
100
50
0.001
0.1
1
0.01
10
EFFICIENCY vs.
LOAD CURRENT (3.3V/3A CIRCUIT)
60
LOAD CURRENT (A)
70
80
90
V+ = 6V
V+ = 28V
V+ = 12V
MAX1653
f = 300kHz
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
6
_______________________________________________________________________________________
MAX1654
SHDN
DH
-5V
OUTPUT
+5V
OUTPUT
INPUT
6V TO 30V
BST
LX
DL
PGND
CSH
CSL
SS
REF
FROM
REF
SYNC
GND
V+
VL
FB
SECFB
Typical Operating Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com