Electronic Components Datasheet Search
  English  ▼

X  

MAX1653EEE Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX1653EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1653EEE Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX1653EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 20Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 21Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 22Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 23Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 24Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 25Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 26Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
______________________________________________________________________________________
23
Boost-Supply Diode D2
A 10mA to 100mA Schottky diode or signal diode such
as a 1N4148 works well for D2 in most applications. If
the input voltage can go below 6V, use a Schottky
diode for slightly improved efficiency and dropout char-
acteristics. Don’t use large power diodes such as
1N5817 or 1N4001, since high junction capacitance
can cause VL to be pumped up to excessive voltages.
Rectifier Diode D3
(Transformer Secondary Diode)
The secondary diode in coupled-inductor applications
must withstand high flyback voltages greater than 60V,
which usually rules out most Schottky rectifiers.
Common silicon rectifiers such as the 1N4001 are also
prohibited, as they are far too slow. This often makes
fast silicon rectifiers such as the MURS120 the only
choice. The flyback voltage across the rectifier is relat-
ed to the VIN-VOUT difference according to the trans-
former turns ratio:
VFLYBACK = VSEC + (VIN - VOUT) x N
where: N is the transformer turns ratio SEC/PRI
VSEC is the maximum secondary DC output voltage
VOUT is the primary (main) output voltage
Subtract the main output voltage (VOUT) from VFLYBACK
in this equation if the secondary winding is returned to
VOUT and not to ground. The diode reverse breakdown
rating must also accommodate any ringing due to leak-
age inductance. D3’s current rating should be at least
twice the DC load current on the secondary output.
_____________Low-Voltage Operation
Low input voltages and low input-output differential volt-
ages each require some extra care in the design. Low
absolute input voltages can cause the VL linear regula-
tor to enter dropout, and eventually shut itself off. Low
input voltages relative to the output (low VIN-VOUT differ-
ential) can cause bad load regulation in multi-output fly-
back applications. See
Transformer Design section.
Finally, low VIN-VOUT differentials can also cause the
output voltage to sag when the load current changes
abruptly. The amplitude of the sag is a function of induc-
tor value and maximum duty factor (DMAX an Electrical
Characteristics parameter, 98% guaranteed over tem-
perature at f = 150kHz) as follows:
(ISTEP)2 x L
VSAG = ———————————————
2 x COUT x (VIN(MIN) x DMAX - VOUT)
The cure for low-voltage sag is to increase the value of
the output capacitor. For example, at VIN = 5.5V, VOUT
= 5V, L = 10µH, f = 150kHz, a total capacitance of
660µF will prevent excessive sag. Note that only the
capacitance requirement is increased and the ESR
requirements don’t change. Therefore, the added
capacitance can be supplied by a low-cost bulk
capacitor in parallel with the normal low-ESR capacitor.
Table 4 summarizes low-voltage operational issues.
Table 4. Low-Voltage Troubleshooting
Supply VL from an external source other
than VBATT, such as the system 5V supply.
VL output is so low that it hits the
VL UVLO threshold at 4.2V max.
Low input voltage, <4.5V
Won’t start under load or
quits before battery is
completely dead
Use a small 20mA Schottky diode for
boost diode D2. Supply VL from an
external source.
VL linear regulator is going into
dropout and isn’t providing
good gate-drive levels.
Low input voltage, <5V
High supply current,
poor efficiency
Reduce f to 150kHz. Reduce secondary
impedances—use Schottky if possible.
Stack secondary winding on main output.
Not enough duty cycle left to
initiate forward-mode operation.
Small AC current in primary can’t
store energy for flyback operation.
Low VIN-VOUT differential,
VIN < 1.3 x VOUT(main)
Secondary output won’t
support a load
Increase the minimum input voltage or
ignore.
Normal function of internal low-
dropout circuitry.
Low VIN-VOUT differential,
<0.5V
Unstable—jitters between
two distinct duty factors
Reduce f to 150kHz. Reduce MOSFET
on-resistance and coil DCR.
Maximum duty-cycle limits
exceeded.
Low VIN-VOUT differential,
<0.5V
Dropout voltage is too
high (VOUT follows VIN as
VIN decreases)
Increase bulk output capacitance per
formula above. Reduce inductor value.
Limited inductor-current slew
rate per cycle.
Low VIN-VOUT differential,
<1V
Sag or droop in VOUT
under step load change
SOLUTION
ROOT CAUSE
CONDITION
SYMPTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com