Electronic Components Datasheet Search
  English  ▼

X  

MAX1653EEE Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX1653EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1653EEE Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX1653EEE Datasheet HTML 20Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 21Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 22Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 23Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 24Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 25Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 26Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 27Page - Maxim Integrated Products MAX1653EEE Datasheet HTML 28Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
of top-layer copper, so that they don’t go through
vias. The resulting top-layer “sub-ground-plane” is
connected to the normal inner-layer ground plane at
the output ground terminals. This ensures that the
analog GND of the IC is sensing at the output termi-
nals of the supply, without interference from IR
drops and ground noise. Other high-current paths
should also be minimized, but focusing ruthlessly
on short ground and current-sense connections
eliminates about 90% of all PC board layout diffi-
culties. See the evaluation kit PC board layouts for
examples.
2) Place the IC and signal components. Keep the main
switching node (LX node) away from sensitive ana-
log components (current-sense traces and REF and
SS capacitors). Placing the IC and analog compo-
nents on the opposite side of the board from the
power-switching node is desirable. Important: the
IC must be no farther than 10mm from the current-
sense resistor. Keep the gate-drive traces (DH, DL,
and BST) shorter than 20mm and route them away
from CSH, CSL, REF, and SS.
3) Employ a single-point star ground where the input
ground trace, power ground (subground plane),
and normal ground plane all meet at the output
ground terminal of the supply.
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
______________________________________________________________________________________
25
MAX1652
MAX1653
MAX1654
MAX1655
SENSE RESISTOR
MAIN CURRENT PATH
FAT, HIGH-CURRENT TRACES
Figure 9. Kelvin Connections for the Current-Sense Resistor
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DH
LX
BST
DL
GND
REF
(SECFB) SKIP
SS
TOP VIEW
MAX1652
MAX1653
MAX1654
MAX1655
PGND
VL
V+
CSL
( ) ARE FOR MAX1652/MAX1654.
CSH
FB
SHDN
SYNC
QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DH
LX
BST
DL
GND
REF
SKIP
SS
MAX1653
MAX1655
PGND
VL
V+
CSL
CSH
FB
SHDN
SYNC
Narrow SO
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com