Electronic Components Datasheet Search
  English  ▼

X  

MAX1677EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1677EEE
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1677EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
8
_______________________________________________________________________________________
Pin Description
Dual Mode is a trademark of Maxim Integrated Products.
_______________ Detailed Description
The MAX1677 is a highly efficient dual-output power
supply for battery-powered devices. On-chip are two
complete step-up DC-DC converters to power main
logic and bias an LCD (Figure 1). The main boost con-
verter (MBC) has on-chip P-channel and N-channel
MOSFETs that provide synchronous-rectified voltage
conversion for maximum efficiency at loads up to
300mA. See Table 1 for available output current with
typical battery configurations. The output voltage of the
MBC is factory-preset to 3.3V, or can be set from 2.5V
to 5.5V with external resistors (dual-mode operation).
Either fixed-frequency PWM or low-operating-current
PFM operation can be selected for the MBC using the
CLK/SEL input (Table 2).
The LCD boost converter (LCD) includes an internal N-
channel DMOS switch to generate positive or negative
voltages up to ±28V. The polarity of the LCD output is
set by LCDPOL input (Table 3). Figure 2 shows the
MAX1677 configured for a positive LCD output voltage
with a 3.3V main output. Figure 3 shows the MAX1677
configured for a negative LCD output. LCDPOL also
allows the current limit of LCDLX to be reduced from
350mA to 225mA to allow minimum-size inductors in
low-current LCD applications (typically for LCD loads
<10mA).
Also included in the MAX1677 are a precision 1.25V
reference that sources up to 50µA, logic shutdown con-
trol for the MBC and LCD (the MBC must be on for the
LCD to operate), and a low-battery comparator.
NAME
FUNCTION
1
OUT
Output Sense Input. The device is powered from OUT. Bypass to GND with a 0.1µF ceramic capacitor.
Connect OUT to POUT through a 10
Ω series resistor.
2
FB
Dual Mode™ Main Boost Feedback Input. Connect to GND for 3.3V output. Connect a voltage-divider from
OUT to FB to adjust the output in the 2.5V to 5.5V range (Figure 5).
PIN
3
LBI
Low-Battery-Comparator Input. Threshold is 614mV. Set the low-battery trip-point with an external voltage
divider (Figure 7).
4
LBO
Open-Drain, Low-Battery Output. LBO is low when LBI is below 614mV, otherwise it remains high.
Sync Clock and PWM Select Input.
CLK/SEL = low: low-power, low-quiescent-current PFM mode.
CLK/SEL = high: low-noise, high-power PWM mode at 300kHz.
CLK/SEL = driven with external clock of 200kHz to 400kHz, synchronized PWM high-power mode.
5
CLK/SEL
10
LCDFB
LCD Feedback Input. Threshold is 1.25V for positive with LCDPOL high, and 0 for negative with
LCDPOL low.
9
GND
Ground
8
REF
1.25V Reference Output. Bypass with 0.1µF.
7
LCDPOL
LCD Polarity Select Input. Sets LCD boost converter polarity and peak current output (Table 2).
6
LCDON
LCD Enable Input. Drive high to turn on LCD boost converter. Main DC-DC must also be on.
11
ON
I.C. Enable Input. Drive high to enable the MAX1677.
12
LCDLX
LCD Boost 28V Switch Drain
13
LCDGND
Source of the Internal N-Channel DMOS LCD Boost-Converter Switch
14
PGND
Source of the Internal N-Channel Main Boost-Converter Switch
15
LX
Main Output Boost Internal Switch Drain
16
POUT
Boost DC-DC Converter Power Output. Source of internal P-channel MOSFET main boost-converter
synchronous rectifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com