Electronic Components Datasheet Search
  English  ▼

X  

MAX1677EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1677EEE
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1677EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
_______________________________________________________________________________________
7
1V/
div
0V
VOUT
VIN
50mV/
div
5ms/div
MAIN BOOST CONVERTER
LINE TRANSIENT
MAX1677-16
VIN = 2V TO 3V, VOUT = 3.3V,
ILOAD = 150mA
1V/
div
0V
VLCD
VIN
50mV/
div
5ms/div
LCD LINE TRANSIENT
(VLCD = +12V)
MAX1677-17
VIN = 2V TO 3V, VLCD = +12V,
IOUT = 5mA
1V/
div
VOUT
ON
1V/
div
0V
500
µs/div
MAIN BOOST CONVERTER
START-UP DELAY
MAX1677-19
VIN = 2.4V, VOUT = 3.3V,
ILOAD = 10mA
Typical Operating Characteristics (continued)
(Circuits of Figures 2 and 3, TA = +25°C, unless otherwise noted.)
2V/
div
VLCD
LCDON
10V/
div
10ms/div
LCD START-UP DELAY
MAX1677-20
VIN = 2.4V, VLCD = -20V,
IOUT = 5mA
1V/
div
0V
VLCD
VIN
50mV/
div
5ms/div
LCD LINE TRANSIENT
(VLCD = -20V)
MAX1677-18
VIN = 2V TO 3V, VLCD = -20V,
IOUT = 5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com