Electronic Components Datasheet Search
  English  ▼

X  

MAX1677EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1677EEE
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1677EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX1677 is a compact, high-efficiency, dual-out-
put boost converter for portable devices needing two
regulated supplies, typically for logic and liquid crystal
displays (LCDs). Operation with inputs as low as 0.7V
allows the MAX1677 to accept 1, 2, or 3-cell alkaline,
NiCd, or NiMH batteries as well as 1-cell lithium-ion bat-
teries. The device requires no external FETs and can
maintain regulation while consuming only 20µA, making
it ideal for hand-held pen-input and PDA devices oper-
ating with low-current “sleep” states.
The MAX1677’s primary regulator supplies up to
350mA at either a factory-preset 3.3V or an adjustable
2.5V to 5.5V output. On-chip synchronous rectification
provides efficiencies up to 95%. 300kHz (or externally
clocked) pulse-width-modulation (PWM) operation is
particularly suitable for applications needing low noise,
such as those with wireless features. The primary con-
verter also features pin-selectable pulse-frequency-
modulation (PFM) operation that consumes only 20µA.
A 1µA shutdown state also minimizes battery drain.
The MAX1677’s secondary step-up converter supplies up
to +28V or -28V for LCD bias, varactor tuning, or other
high-voltage, low-current functions. Other MAX1677 fea-
tures include precision reference, logic control inputs for
both regulators, and an uncommitted comparator for
low-battery detection or a reset function. The MAX1677
is supplied in Maxim’s compact 16-pin QSOP package,
which occupies no more space than a standard SO-8.
Applications
PDAs
Portable Phones
Hand-Held Terminals
Portable Instruments
Features
o No External FETs Required
o Main Output
Up to 350mA for Logic Supply
Fixed 3.3V or Adjustable (2.5V to 5.5V)
Synchronous Rectification for High Efficiency
(up to 95%)
300kHz (200kHz to 400kHz Synchronizable)
Fixed-Frequency PWM Operation
o Secondary Output
Up to +28V or -28V for LCD Bias
Programmable Current Limit
o 0.7V to 5.5V Input Voltage Range
o 20µA Quiescent Current
o 1µA Shutdown Current
o Low-Battery Comparator
o Small 16-Pin QSOP Package
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUT
POUT
LX
PGND
LCDGND
LCDLX
ON
LCDFB
GND
TOP VIEW
MAX1677
FB
LBI
LCDON
LBO
CLK/SEL
LCDPOL
REF
QSOP
19-1403; Rev 0; 11/98
PART
MAX1677EEE
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Pin Configuration
Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Typical Operating Circuit
MAX1677
LX
POUT
OUT
±28V
LCD
BOOST
OUTPUT
3.3V MAIN
BOOST OUTPUT
LCDFB
REF
FB
LCDGND
GND
LCDLX
LCDON
LBI
ON
OFF
LBO
CLK/SEL
ON
LCDPOL
PGND
PWM
PFM
ON
OFF
+VE OUT
-VE OUT
VIN = 0.7V to 5.5V
(UP TO MAINOUT)


Similar Part No. - MAX1677EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1677EEE MAXIM-MAX1677EEE Datasheet
314Kb / 16P
Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
2001
More results

Similar Description - MAX1677EEE

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX1817 MAXIM-MAX1817 Datasheet
403Kb / 12P
Compact, High-Efficiency, Dual-Output Step-Up DC-DC Converter
19-1794 Rev 0; 10/00
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
High Efficiency Dual Output Step-Down DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1677 MAXIM-MAX1677_V01 Datasheet
314Kb / 16P
Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com