Electronic Components Datasheet Search
  English  ▼

X  

MAX1677EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1677EEE
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1677EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
6
_______________________________________________________________________________________
10mV/
div
VLX
ILX
VRIPPLE
200mA/
div
100mV/
div
5
µs/div
LCD SWITCHING WAVEFORMS
MAX1677-13
LDCLX CURRENT LIMIT = 350mA,
2.4VIN, +12VOUT, 10mA LOAD
10mV/
div
VLX
ILX
VRIPPLE
200mA/
div
100mV/
div
2
µs/div
LCD SWITCHING WAVEFORMS
(50k
Ω FROM LCDPOL TO OUT)
MAX1677-14
LCDLX CURRENT LIMIT = 225mA,
2.4VIN, +12VOUT, 10mA LOAD
50mV/
div
IOUT
VRIPPLE
200mA/
div
2ms/div
MAIN BOOST CONVERTER
LOAD TRANSIENT
MAX1677-15
VIN = 2.4V, VOUT = 3.3V
ILOAD = 0 to 200mA
2V/
div
VLX
ILX
VRIPPLE
100mA/
div
50mV/
div
1
µs/div
MAIN BOOST CONVERTER SWITCHING
WAVEFORMS (PWM MODE)
MAX1677-10
2.4VIN, 3.3VOUT,
200mA IOUT
2V/
div
VLX
ILX
VRIPPLE
100mA/
div
20mV/
div
2
µs/div
MAIN BOOST CONVERTER SWITCHING
WAVEFORMS (PFM MODE)
MAX1677-11
1.2VIN, 3.3VOUT,
20mA IOUT
2V/
div
VLX
ILX
VRIPPLE
100mA/
div
50mV/
div
10
µs/div
MAIN BOOST CONVERTER SWITCHING
WAVEFORMS (PFM MODE, 50mA OUTPUT)
MAX1677-12
PFM, 1.2VIN,
3.3VOUT, 50mA IOUT
Typical Operating Characteristics (continued)
(Circuits of Figures 2 and 3, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com