Electronic Components Datasheet Search
  English  ▼

X  

MAX1677EEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1677EEE
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677EEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1677EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
______________________________________________________________________________________
15
Layout Considerations
The MAX1677’s high-frequency operation makes PC
board layout important for minimizing ground bounce
and noise. Protect sensitive analog grounds by using a
star ground configuration. Minimize ground noise by
connecting PGND, the input bypass capacitor ground
terminal, and the output filter capacitor ground terminal
to a single point (star ground configuration). Also, mini-
mize lead lengths to reduce stray capacitance and
trace resistance. Where an external resistor-divider is
used to set output voltage, the trace from FB or LCDFB
to the feedback resistors should be extremely short to
minimize coupling from LX and LCDLX. To maximize
efficiency and minimize output ripple, use a ground
plane and connect the MAX1677 GND and PGND pins
directly to the ground plane. Consult the MAX1677
evaluation kit for a full PC board example.
Chip Information
TRANSISTOR COUNT: 1221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com