Electronic Components Datasheet Search
  English  ▼

X  

MAX1813 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1813
Description  Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1813 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1813 Datasheet HTML 12Page - Maxim Integrated Products MAX1813 Datasheet HTML 13Page - Maxim Integrated Products MAX1813 Datasheet HTML 14Page - Maxim Integrated Products MAX1813 Datasheet HTML 15Page - Maxim Integrated Products MAX1813 Datasheet HTML 16Page - Maxim Integrated Products MAX1813 Datasheet HTML 17Page - Maxim Integrated Products MAX1813 Datasheet HTML 18Page - Maxim Integrated Products MAX1813 Datasheet HTML 19Page - Maxim Integrated Products MAX1813 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Dynamically-Adjustable, Synchronous Step-Down
Controller with Integrated Voltage Positioning
16
______________________________________________________________________________________
TOFF
ONE-SHOT
TON
GND
VCC
REF
CC
PGOOD
VPCS
CHIP
SUPPLY
FROM
DAC
TRIG
Q
S
SET
CLR
R
Q
Q
TON
ONE-SHOT
2V
REF
REF
+10%
5-BIT
R-2R
DAC
REF
-12%
TRIG
Q
S
SET
CLR
R
Q
Q
LX
VPCS
DH
BST
VBATT
5V TO 24V
5V BIAS
SUPPLY
ILIM
V+
REF
PGND
DL
VDD
D0
CODE
ZMODE
D1
D2
D3
D4
SUS
FB
S0
S1
TIME
SOFT-START
ZERO
CROSSING
2V
REF
SKP/SDN
TON
COMPUTE
OVP/UVP
DETECT
OSC
DECODER
(SEE FIGURE 6)
AND
SLEW-RATE CONTROLLER
MAX1813
5V
BIAS
Gm
9R
R
VOUT
Figure 2. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com