Electronic Components Datasheet Search
  English  ▼

X  

MAX1813 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1813
Description  Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1813 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1813 Datasheet HTML 1Page - Maxim Integrated Products MAX1813 Datasheet HTML 2Page - Maxim Integrated Products MAX1813 Datasheet HTML 3Page - Maxim Integrated Products MAX1813 Datasheet HTML 4Page - Maxim Integrated Products MAX1813 Datasheet HTML 5Page - Maxim Integrated Products MAX1813 Datasheet HTML 6Page - Maxim Integrated Products MAX1813 Datasheet HTML 7Page - Maxim Integrated Products MAX1813 Datasheet HTML 8Page - Maxim Integrated Products MAX1813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Dynamically-Adjustable, Synchronous Step-Down
Controller with Integrated Voltage Positioning
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, V+ = +15V, VCC = VDD = 5V, VPCS = ZMODE = GND = PGND, SKP/SDN = CODE = VCC, VOUT set to 1.5V,
TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Supply Current (VDD)IDD
Measured at VDD, FB forced above the
regulation point
<1
5
µA
Quiescent Supply Current (V+)
I+
Measured at V+
25
40
µA
Shutdown Supply Current (VCC)
SKP/SDN = GND
2
5
µA
Shutdown Supply Current (VDD)
SKP/ SDN = GND
<1
5
µA
Shutdown Supply Current (V+)
SKP/SDN = GND, VCC = VDD = 0 or 5V
<1
5
µA
Reference Voltage
VREF
VCC = 4.5V to 5.5V, -40
µA ≤ IREF ≤ +40µA
1.98
2
2.02
V
REF Fault Lockout Voltage
Falling edge, 1% hysteresis
1.5
1.6
1.7
V
FAULT PROTECTION
CODE = GND
2.20
2.25
2.30
Output Overvoltage Fault Preset
Threshold
VOVP
Measured at FB
CODE = VCC
1.95
2.00
2.05
V
Output Overvoltage Fault
Propagation Delay
tOVP
FB forced to 2% above trip threshold
1.5
µs
Output Undervoltage Fault
Threshold
With respect to unloaded output voltage
60
70
80
%
Output Undervoltage Fault
Propagation Delay
FB forced to 2% below trip threshold
10
µs
Output Undervoltage Fault-
Blanking Time
From SKP/SDN signal going high, clock
speed set by RTIME
256
clks
Current-Limit Threshold (Positive,
Default)
VITH
VGND - VVPCS, ILIM = VCC
40
50
60
mV
VILIM = 0.5V
40
50
60
Current-Limit Threshold
(Positive, Adjustable)
VITH
VGND - VVPCS
VILIM = 2V (REF)
143
200
265
mV
Negative Current-Limit Threshold
VGND - VVPCS, with respect to VITH, ILIM =
VCC
-72
-56
-40
mV
Zero-Crossing Current-Limit
Threshold
VGND - VVPCS
5mV
Thermal Shutdown Threshold
Rising temperature, hysteresis = 15°C
160
°C
VCC Undervoltage Lockout
Threshold
Rising edge, hysteresis = 20mV, switching
disabled below this level
4.05
4.45
V
PGOOD Lower Trip Threshold
Measured at FB with respect to unloaded
output voltage, falling edge
-15
-12.5
-10.5
%
PGOOD Upper Trip Threshold
Measured at FB with respect to unloaded
output voltage, rising edge
810
12%
PGOOD Propagation Delay
Falling edge, FB forced 2% below or
above PGOOD trip threshold
1.5
µs
PGOOD Output Low Voltage
ISINK = 1mA
0.4
V
PGOOD Leakage Current
High state, forced to 5.5V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com