Electronic Components Datasheet Search
  English  ▼

X  

MAX1813 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1813
Description  Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1813 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1813 Datasheet HTML 1Page - Maxim Integrated Products MAX1813 Datasheet HTML 2Page - Maxim Integrated Products MAX1813 Datasheet HTML 3Page - Maxim Integrated Products MAX1813 Datasheet HTML 4Page - Maxim Integrated Products MAX1813 Datasheet HTML 5Page - Maxim Integrated Products MAX1813 Datasheet HTML 6Page - Maxim Integrated Products MAX1813 Datasheet HTML 7Page - Maxim Integrated Products MAX1813 Datasheet HTML 8Page - Maxim Integrated Products MAX1813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Dynamically-Adjustable, Synchronous Step-Down
Controller with Integrated Voltage Positioning
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, V+ = +15V, VCC = VDD = 5V, VPCS = ZMODE = GND = PGND, SKP/SDN = CODE = VCC, VOUT set to 1.5V,
TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: SKP/SDN may be forced to 12V, temporarily exceeding the absolute maximum rating, for the purpose of debugging proto-
type breadboards, using the no-fault test mode.
V+ to GND ..............................................................-0.3V to +30V
VCC, VDD to GND .....................................................-0.3V to +6V
PGND to GND.....................................................................±0.3V
D0–D4, CODE, ZMODE, SUS, PGOOD to GND ......-0.3V to +6V
SKP/SDN to GND (Note 1) .....................................-0.3V to +16V
ILIM, FB, CC, REF,
TON, TIME, S0, S1 to GND......................-0.3V to (VCC + 0.3V)
VPCS to GND ............................................................-2V to +30V
DL to PGND................................................-0.3V to (VDD + 0.3V)
BST to PGND..........................................................-0.3V to +36V
DH to LX ....................................................-0.3V to (VBST + 0.3V)
LX to BST..................................................................-6V to +0.3V
REF Short Circuit to GND ...........................................Continuous
Continuous Power Dissipation (TA = +70
°C)
28-Pin QSOP (derate 10.8mW/
°C above +70°C)..........860mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CONTROLLER
Battery voltage, V+
2
28
Input Voltage Range
VCC, VDD
4.5
5.5
V
V+ = 4.5V to 28V, VPCS = GND, DAC
codes from 0.925V to 2.0V
-1
+1
V+ = 4.5V to 28V, VPCS = GND, DAC
codes from 0.700V to 0.900V
-1.5
+1.5
DC Output Voltage Accuracy
(Notes 2, 3)
V+ = 4.5V to 28V, VPCS = GND, DAC
codes from 0.600V to 0.675V
-1.83
+1.83
%
VPCS Input Bias Current
IVPS
VVPCS = 0 or 28V
-1
+1
µA
VPCS Transconductance
Gm
VVPCS = 0 to -100mV
18
20
22
µS
VPCS Linear Input Range
±100
mV
FB Input Resistance
RFB
115
180
265
k
Ω
38kHz nominal, RTIME = 470k
Ω
-12
+12
150kHz nominal, RTIME = 120k
Ω
-8
+8
TIME Frequency Accuracy
380kHz nominal, RTIME = 47k
Ω
-12
+12
%
ILIM Input Leakage Current
IILIM
VILIM = 0 or 5.0V
0.01
100
nA
V+ = 5.0V, VFB = 1.2V
TON = GND
250
270
290
TON = REF
165
190
215
TON = open
320
355
390
On-Time (Note 4)
tON
V+ = 12V, VFB = 1.2V
TON = VCC
465
515
563
ns
TON = REF, open, or VCC
400
500
Minimum Off-Time (Note 4)
tOFF(MIN)
TON = GND
300
375
ns
BIAS AND REFERENCE
Quiescent Supply Current (VCC)ICC
Measured at VCC, FB forced above the
regulation point
1.4
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com