Electronic Components Datasheet Search
  English  ▼

X  

MAX1813 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX1813
Description  Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1813 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX1813 Datasheet HTML 30Page - Maxim Integrated Products MAX1813 Datasheet HTML 31Page - Maxim Integrated Products MAX1813 Datasheet HTML 32Page - Maxim Integrated Products MAX1813 Datasheet HTML 33Page - Maxim Integrated Products MAX1813 Datasheet HTML 34Page - Maxim Integrated Products MAX1813 Datasheet HTML 35Page - Maxim Integrated Products MAX1813 Datasheet HTML 36Page - Maxim Integrated Products MAX1813 Datasheet HTML 37Page - Maxim Integrated Products MAX1813 Datasheet HTML 38Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Dynamically-Adjustable, Synchronous Step-Down
Controller with Integrated Voltage Positioning
______________________________________________________________________________________
35
to V+ on the MAX1813, with the same attenuation factor
as the output divider. The V+ input has a nominal
600k
Ω input impedance, which should be considered
when selecting resistor values.
One-Stage (Battery Input) vs. Two-Stage
(5V Input) Applications
The MAX1813 can be used with a direct battery con-
nection (one stage) or can obtain power from a regulat-
ed 5V supply (two stage). Each approach has
advantages, and careful consideration should go into
the selection of the final design.
The one-stage approach offers smaller total inductor
size and fewer capacitors overall due to the reduced
demands on the 5V supply. The transient response of
the single stage is better due to the ability to ramp the
inductor current faster. The total efficiency of a single
stage is better than the two-stage approach.
The two-stage approach allows flexible placement due
to smaller circuit size and reduced local power dissipa-
tion. The power supply can be placed closer to the
CPU for better regulation and lower I2R losses from PC
board traces. Although the two-stage design has slow-
er transient response than the single stage, this can be
offset by the use of a voltage-positioned converter.
Ceramic Output Capacitor Applications
Ceramic capacitors have advantages and disadvan-
tages. They have ultra-low ESR and are noncom-
bustible, relatively small, and nonpolarized. However,
they are also expensive and brittle, and their ultra-low
ESR characteristic can result in excessively high ESR
zero frequencies. In addition, their relatively low capac-
itance value can cause output overshoot when step-
ping from full-load to no-load conditions, unless a small
inductor value is used (high switching frequency) or
there are some bulk tantalum or electrolytic capacitors
in parallel to absorb the stored inductor energy. In
some cases, there may be no room for electrolytics,
creating a need for a DC-DC design that uses nothing
but ceramics.
The MAX1813 can take advantage of the small size and
low ESR of ceramic output capacitors. To ensure stable
operation, there must be sufficient resistance in series
with the inductor and output capacitor (see “Output
Capacitor Stablility Considerations”).
Output overshoot (VSOAR) determines the minimum
output capacitance requirement (see Output Capacitor
Selection). Often the switching frequency is increased
to 1000kHz or 600kHz, and the inductor value is
reduced to minimize the energy transferred from induc-
tor to capacitor during load-step recovery. The efficien-
cy penalty for operating at 1000kHz is about 5% and
MAX1813
DH
LX
VPCS
PGND
DL
GND
REF
FB
VOUT
COUT
Q2
CFB
CVPCS
RVPCS
Q1
RFB
R5
R6
R7
LOGIC
ADD0
ADD1
CONTROL
LOGIC
INH
R8
L1
RSENSE
CREF
VCC
MAX4634
MAX4322
Figure 18. Adding a Negative Offset Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com