Electronic Components Datasheet Search
  English  ▼

X  

MAX1813 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1813
Description  Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1813 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1813 Datasheet HTML 1Page - Maxim Integrated Products MAX1813 Datasheet HTML 2Page - Maxim Integrated Products MAX1813 Datasheet HTML 3Page - Maxim Integrated Products MAX1813 Datasheet HTML 4Page - Maxim Integrated Products MAX1813 Datasheet HTML 5Page - Maxim Integrated Products MAX1813 Datasheet HTML 6Page - Maxim Integrated Products MAX1813 Datasheet HTML 7Page - Maxim Integrated Products MAX1813 Datasheet HTML 8Page - Maxim Integrated Products MAX1813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Dynamically-Adjustable, Synchronous Step-Down
Controller with Integrated Voltage Positioning
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, V+ = +15V, VCC = VDD = 5V, VPCS = ZMODE = GND = PGND, SKP/SDN = CODE = VCC, VOUT set to 1.5V,
TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, V+ = +15V, VCC = VDD = 5V, VPCS = ZMODE = GND = PGND, SKP/SDN = CODE = VCC, VOUT set to 1.5V,
TA = -40
°C to +85°C, unless otherwise noted.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SKP/SDN NO FAULT Input Level
12
15
V
SKP/SDN, 4-Level Logic Input
Current
SKP/SDN, TON, S0, S1 = GND or VCC
-3
3
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
PWM CONTROLLER
Battery voltage, V+
2
28
Input Voltage Range
VCC, VDD
4.5
5.5
V
V+ = 4.5V to 28V, VPCS = GND, DAC
codes from 0.925V to 2.0V
-1
+1
V+ = 4.5V to 28V, VPCS = GND, DAC
codes from 0.700V to 0.900V
-1.5
+1.5
DC Output Voltage Accuracy
(Notes 2, 3)
V+ = 4.5V to 28V, VPCS = GND, DAC
codes from 0.600V to 0.675V
-1.83
+1.83
%
VPCS Input Bias Current
IVPS
VVPCS = 0 or 28V
-1
+1
µA
VVPS = 0 to -40mV
18
22
VPCS Transconductance
Gm
VVPS = 0 to -100mV
16.5
22
µS
FB Input Resistance
RFB
115
265
k
Ω
380kHz nominal, RTIME = 47k
Ω
-12
+12
150kHz nominal, RTIME = 120k
Ω
-8
+8
TIME Frequency Accuracy
38kHz nominal, RTIME = 470k
Ω
-12
+12
%
ILIM Input Leakage Current
IILIM
VILIM = 0 or 5.0V
100
nA
V+ = 5.0V, VFB = 1.2V
TON = GND
250
290
TON = REF
165
215
TON = open
320
390
On-Time (Note 4)
tON
V+ = 12V, VFB = 1.2V
TON = VCC
465
563
ns
TON = REF, open, or VCC
500
Minimum Off-Time (Note 4)
tOFF(MIN)
TON = GND
375
ns
BIAS AND REFERENCE
Quiescent Supply Current (VCC)ICC
Measured at VCC, FB forced above the
regulation point
2.5
mA
Quiescent Supply Current (VDD)IDD
Measured at VDD, FB forced above the
regulation point
5
µA
Quiescent Supply Current (V+)
I+
Measured at V+
40
µA
Shutdown Supply Current (VCC)
SKP/SDN = GND
5
µA
Shutdown Supply Current (VDD)
SKP/SDN = GND
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com