Electronic Components Datasheet Search
  English  ▼

X  

LD1024 Datasheet(PDF) 20 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 20 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 14Page - LDT Co., Ltd LD1024 Datasheet HTML 15Page - LDT Co., Ltd LD1024 Datasheet HTML 16Page - LDT Co., Ltd LD1024 Datasheet HTML 17Page - LDT Co., Ltd LD1024 Datasheet HTML 18Page - LDT Co., Ltd LD1024 Datasheet HTML 19Page - LDT Co., Ltd LD1024 Datasheet HTML 20Page - LDT Co., Ltd LD1024 Datasheet HTML 21Page - LDT Co., Ltd LD1024 Datasheet HTML 22Page - LDT Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Ver2.1
20
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
LED OPEN DETECTION (LOD) AND PRE-THERMAL WARNING (PTW)
The LED open detection (LOD) circuit checks the voltage of each active (that is, on) constant current sink output
(OUT0 through OUT15) to detect open LEDs and LEDs shorted to GND while OEB is low. The LOD bits in the
status information data register (SID) are set to '1' if the voltage of the corresponding OUTn pin is less than the
LED open detection threshold (VLOD = 0.3 V, typ). The status information data can be read from the DOUT pin.
To avoid false detection of open LEDs, the LED driver design must ensure that the constant-current sink output
voltage is greater than 0.3 V when the outputs are on. Also, the output on-time must be greater than 16 times CLK
signal toggle after falling Edge of STROBE signal.
The PTW function indicates that the IC junction temperature is too high. The PTW bit in the SID data is set to '1'
while the IC junction temperature exceeds the temperature threshold (T(PTW) = +138 °C, typ). If the IC junction
temperature decreases below the temperature of T(PTW), the SID data are set depending on the LOD function.
The constant current outputs are not forced off during PTW conditions, so the controller should take appropriate
action (such as reducing the duty cycle of effected channels).
The LOD and PTW data are latched into the SID latch with the rising edge of 15th CLK after rising edge of STROBEsignal
The SID data latched in the latch are transferred into the on/off shift register with a rising edge
of LAT. SID can be shifted out from DOUT with rising edges of CLK. The data in the on/off control shift register
are replaced with the LOD and PTW data at the rising edge of LAT. Therefore, STROBE should be input only once
after the shift data are updated to avoid the on/off control data latch information from being replaced with LOD
and PTW data in the shift register. A timing diagram for LOD, PTW, and SID is shown in Figure 14.
Figure 14. LOD/PTW/SID Timing
OEB
OUTn
OUTn OFF
OUTn OFF
GND
VOUTn
If the voltage of OUTn (VOUTn) is less than VLOD (0.3V, typ)
when
OUTn is on, then the LOD circuit reports error information to
the
LOD data latch and the error information is set as ‘1’ to the
bit
that corresponds with the error OUTn in the LOD data latch.
LOD circuit needs 1us to detect LED
open correctly as maximum.
LOD Circuit Data
(Internal)
No Error Information
Latest Error Information From LOD
Circuit
No Error Information
LOD and PTW data are always copied into SID data latch while OEB
is low level at the 15th rising edge of CLK.
PTW Circuit Data
(Internal)
TJ < T(PTW):
Normal Temperature
TJ ≥T(PTW) : High Temperature
TJ < T(PTW):
Normal Temperature
PTW Error
Previous LOD and PTW Data
No Error Information
Latest Error Information From LOD and PTW
Circuit
LOD and PTW data of from before
OEB goes high are held in the
SID data latch at the rising edge of OEB
SID Data Latch
(Internal)
1
2
3
14
15
16
CLK
STROBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com