Electronic Components Datasheet Search
  English  ▼

X  

LD1024 Datasheet(PDF) 17 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 17 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 13Page - LDT Co., Ltd LD1024 Datasheet HTML 14Page - LDT Co., Ltd LD1024 Datasheet HTML 15Page - LDT Co., Ltd LD1024 Datasheet HTML 16Page - LDT Co., Ltd LD1024 Datasheet HTML 17Page - LDT Co., Ltd LD1024 Datasheet HTML 18Page - LDT Co., Ltd LD1024 Datasheet HTML 19Page - LDT Co., Ltd LD1024 Datasheet HTML 20Page - LDT Co., Ltd LD1024 Datasheet HTML 21Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Ver2.1
17
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
SETTING FOR THE CONSTANT SINK CURRENT VALUE
The constant current values are determined by an external resistor (RREXT) placed between REXT and GND. The
resistor (RREXT) value is calculated by Equation 1.
Iout = V
REXT/ R
REXT[㏀]
X 68
(6)
where:
V(REXT) = the internal reference voltage on the REXT pin (typically 1.20 V)
Iout must be set in the range of 5 mA to 45 mA. The constant sink current characteristic for the external resistor
value is shown in Figure 10. Table 1 describes the constant current output versus external resistor value.
Iout(mA, Typical)
RREXT (kΩ)
45
1.8K
40
2.0K
35
2.3K
30
2.7K
25
3.2K
20
4.0K
15
5.4K
10
8.0K
5
16K
Table 1. Constant Current Output versus External Resistor Value
CONSTANT CURRENT DRIVER ON/OFF CONTROL
When OEB is low, the corresponding output is turned on if the data in the on/off control data latch are '1' and
remains off if the data are '0'. When OEB is high, all outputs are forced off. This control is shown in Table 2.
ON/OFF CONTROL LATCH DATA
CONSTANT CURRENT OUTPUT STATUS
0
Off
1
On
Table 2. On/Off Control Data Truth Table
When the IC is initially powered on, the data in the on/off control shift register and data latch are not set to the
respective default value. Therefore, the on/off control data must be written to the data latch before turning the
constant current output on. OEB should be at a high level when powered on because the constant current
may be turned on as a result of random data in the on/off control latch.
The on/off data corresponding to any unconnected OUTn outputs should be set to ‘0’ before turning on the
remaining outputs. Otherwise, the supply current (ICC) increases while the LEDs are on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com