Electronic Components Datasheet Search
  English  ▼

X  

LD1024 Datasheet(PDF) 16 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 16 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 12Page - LDT Co., Ltd LD1024 Datasheet HTML 13Page - LDT Co., Ltd LD1024 Datasheet HTML 14Page - LDT Co., Ltd LD1024 Datasheet HTML 15Page - LDT Co., Ltd LD1024 Datasheet HTML 16Page - LDT Co., Ltd LD1024 Datasheet HTML 17Page - LDT Co., Ltd LD1024 Datasheet HTML 18Page - LDT Co., Ltd LD1024 Datasheet HTML 19Page - LDT Co., Ltd LD1024 Datasheet HTML 20Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Ver2.1
16
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
VDD=5V
VDD=3.3V
8
6
2
0
-2
-4
-6
-8
-40 -20 -10
0
20
40
60
80
100
TA - Ambient Temperature (℃)
DELTA OUTPUT CURRENT
VS
FREEE AIR TEMPERATURE
Figure 10.
IO= 30mA
ㅿ
8
6
2
0
-2
-4
-6
-8
-40 -20 -10
0
20
40
60
80
100
IO- OUTPUT CURRENT (mA)
DELTA OUTPUT CURRENT
VS
OUTPUT CURRENT
Figure 11.
TA = 25
VDD= 3.3V
MAX
ㅿ
MIN
Typical Characteristics
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com