Electronic Components Datasheet Search
  English  ▼

X  

LD1024 Datasheet(PDF) 22 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 22 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 14Page - LDT Co., Ltd LD1024 Datasheet HTML 15Page - LDT Co., Ltd LD1024 Datasheet HTML 16Page - LDT Co., Ltd LD1024 Datasheet HTML 17Page - LDT Co., Ltd LD1024 Datasheet HTML 18Page - LDT Co., Ltd LD1024 Datasheet HTML 19Page - LDT Co., Ltd LD1024 Datasheet HTML 20Page - LDT Co., Ltd LD1024 Datasheet HTML 21Page - LDT Co., Ltd LD1024 Datasheet HTML 22Page - LDT Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Ver2.1
22
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
#1
#12
#13
#24
E
L
E1
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
-
-
1.9
A1
0.05
0.15
b
0.39
0.47
D
12.8
13
13.2
E
7.7
7.9
8.1
E1
5.8
6
6.2
e
1.0 BSC
L
0.25
0.45
0.65
Θ
0
8
LD1024 SSOP24 (1.0mm Pitch)
LD1024 SSOP24 (1.0mm Pitch)
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com