Electronic Components Datasheet Search
  English  ▼

X  

LD1024 Datasheet(PDF) 14 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 14 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 10Page - LDT Co., Ltd LD1024 Datasheet HTML 11Page - LDT Co., Ltd LD1024 Datasheet HTML 12Page - LDT Co., Ltd LD1024 Datasheet HTML 13Page - LDT Co., Ltd LD1024 Datasheet HTML 14Page - LDT Co., Ltd LD1024 Datasheet HTML 15Page - LDT Co., Ltd LD1024 Datasheet HTML 16Page - LDT Co., Ltd LD1024 Datasheet HTML 17Page - LDT Co., Ltd LD1024 Datasheet HTML 18Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Ver2.1
14
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
Figure 5. On/Off Control Operation
DATA
15B
DATA
14B
DATA
0A
DATA
13B
DATA
12B
DATA
11B
DATA
3B
DATA
2B
DATA
1B
DATA
15C
DATA
14C
DATA
13C
DATA
12C
DATA
11C
DATA
10C
DATA
15B
DATA
0A
DATA
14B
DATA
13B
DATA
12B
DATA
3B
DATA
2B
LOD
0
DATA
1B
DATA
0B
DATA
14C
DATA
13C
DATA
12C
DATA
15C
LOD 0A or PTW_A
LOD
0
DATA
1A
DATA
15B
DATA
14B
DATA
13B
DATA
4B
DATA
3B
LOD
1
DATA
2B
DATA
15C
DATA
14C
DATA
13C
LOD
0A
LOD 1A or PTW_A
LOD
13
DATA
14A
LOD
12
LOD
11
LOD
10
LOD
1
LOD
0
LOD
14
DATA
15B
LOD
12A
LOD
11A
LOD
10A
LOD
13A
LOD 14A or PTW_A
LOD
14
DATA
1A
LOD
13
LOD
12
LOD
11
LOD
2
LOD
1
LOD
15
LOD
0
DATA
15B
LOD
13A
LOD
12A
LOD
11A
LOD
14A
LOD 15A or PTW_A
DATA
11C
DATA
12C
LOD
9A
LOD
10A
LOD
14
DATA
1A
LOD
13
LOD
12
LOD
11
LOD
2
LOD
1
LOD
15
LOD
0
DATA
15B
LOD
13A
LOD
12A
LOD
11A
LOD
14A
LOD 15A or PTW_A
LOD
10A
1
2
3
4
5
13
14
15
16
1
2
3
4
5
6
DIN
CLK
STROBE
Shift Register
LSB Data (Internal)
Shift Register
LSB +1 Data (Internal)
Shift Register
MSB -1 Data (Internal)
Shift Register
MSB Data (Internal)
On/Off Control
Latch Data (Internal)
DOUT
OEB
OFF
OUTn(1)
ON
OFF
OUTn(2)
ON
OFF
OUTn(3)
ON
OFF
OUTn(4)
ON
Previous Grayscale Latch Data
Latest Grayscale Latch Data
OFF
ON
OFF
ON
OFF
ON
DATA
0B
OFF
OFF
OFF
tDLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com