Electronic Components Datasheet Search
  English  ▼

X  

MAX2102CWI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2102CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102CWI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2102CWI Datasheet HTML 4Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 5Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 6Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 7Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 9Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 10Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 11Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Direct-Conversion Tuner ICs for
Digital DBS Applications
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX2102 EV kit circuit (Figure 1), VCC = 5V, PSGND = open, MOD = GND, fRFIN = 2150MHz, PRFIN = -19dBm, fLO = 2150.125MHz,
PLO = -15dBm driven single-ended into LO, AGC set via servo loop for VIOUT = VQOUT = 0.5Vp-p, IOUT, QOUT drive AC-coupled
100
Ω loads, 2kΩ from PSOUT to GND, TA = +25°C, unless otherwise noted.)
0
20
10
30
60
70
50
40
80
0.7
0.9 1.0 1.1 1.2
0.8
1.3 1.4 1.5 1.6 1.7
BASEBAND IM LEVELS
BASEBAND LEVELS, PER TONE (Vp-p)
IM2
IM3
f1 = 1448.1MHz
f2 = 1449MHz
fLO = 1451MHz
PRFIN = -40dBm PER TONE
87
88
89
90
91
92
93
0.85
1.25
1.65
2.05
2.45
QUADRATURE PHASE IMBALANCE
vs. FREQUENCY
RFIN FREQUENCY (GHz)
fLO = fRFIN + 125kHz
PRFIN = -40dBm
PLO = -15dBm
TA = +70°C
TA = 0°C
TA = +25°C
-0.5
-0.3
-0.4
-0.2
0
-0.1
0.2
0.1
0.3
0.4
0.5
0.85
1.25
1.65
2.05
2.45
QUADRATURE GAIN IMBALANCE
vs. FREQUENCY
RFIN FREQUENCY (GHz)
TA = +70°C
fLO = fRFIN + 125kHz
PRFIN = -40dBm
PLO = -15dBm
TA = +25°C
TA = 0°C
5
-5
1
10
100
BASEBAND GROUP DELAY
FLATNESS vs. FREQUENCY
-3
-4
FREQUENCY (MHz)
-1
-2
1
2
0
3
4
TA = +70°C
TA = +25°C
TA = 0°C
2
-3
0.1
10
100
BASEBAND GAIN FLATNESS
vs. FREQUENCY
-2
1
0
-1
FREQUENCY (MHz)
1
TA = +70°C
TA = +25°C
TA = 0°C
8
7
0
0.1
1
10
100
BASEBAND OUTPUT IMPEDANCE
vs. FREQUENCY
3
2
1
5
4
6
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com