Electronic Components Datasheet Search
  English  ▼

X  

MAX2102CWI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2102CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102CWI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2102CWI Datasheet HTML 1Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 2Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 3Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 4Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 5Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 6Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 7Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Direct-Conversion Tuner ICs for
Digital DBS Applications
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2102 EV kit circuit (Figure 1); VCC = +5V; PSGND = open; MOD = GND; fRFIN = 2150MHz; PRFIN = -19dBm; fLO =
2150.125MHz; PLO = -15dBm driven single-ended into LO; AGC set via servo loop for VIOUT = VQOUT = 0.5Vp-p; IOUT, QOUT drive
AC-coupled 100
Ω loads; 2kΩ from PSOUT to GND; TA = +25°C; unless otherwise noted.)
2k
Ω || 10pF load
TA = 0°C to +70°C
(Note 2)
(Note 1)
At -3dB attenuation
PRFIN = -50dBm; AGC = 4V, VCC = 5.0V
PSOUT load = 2k
Ω || 5pF (Note 3)
Vp-p
0.8
Prescaler Output Swing at PSOUT
950MHz < fRFIN < 2150MHz;
950MHz < fLO < 2150MHz; PRFIN = -40dBm;
fIOUT, fQOUT = 125kHz (Note 2)
950MHz < fRFIN < 2150MHz;
950MHz < fLO < 2150MHz; PRFIN = -40dBm;
fIOUT, fQOUT = 125kHz (Note 2)
fLO = 950MHz to 2150MHz, 50Ω source into
MAX2102 EV kit match circuit
(Note 4)
Refers to power level driven into LO,
LO (differentially driven) (Notes 2, 4)
65
65
(Notes 2, 5)
CONDITIONS
64
64
Prescaler Divide Ratio
MHz
94
Baseband Bandwidth
(at IOUT, QOUT)
Vp-p
2.7
IOUT, QOUT Clipping Level
%
35
65
Prescaler Duty Cycle at PSOUT
1kHz < (fIOUT, fQOUT) < 25MHz, 950MHz < fRFIN <
2150MHz, 950MHz < fLO < 2150MHz (Notes 3, 7, 8)
1kHz < (fIOUT, fQOUT) < 25MHz, 950MHz < fRFIN <
2150MHz, 950MHz < fLO < 2150MHz (Notes 3, 7, 8)
ns
0.45
dB
0.45
0.85
Baseband Gain Ripple
(at IOUT, QOUT)
Baseband Group Delay Ripple
(at IOUT, QOUT)
MHz
950
2150
LO Input Frequency Range
dB
0.5
IOUT, QOUT Amplitude Imbalance
degrees
3
IOUT, QOUT Phase Imbalance
1.75:1
LO Input Worst-Case VSWR over
Band
-15
-5
LO Input Power Level
dBm
-15
dB
28
RFIN to LO Input Isolation
UNITS
MIN
TYP
MAX
PARAMETER
MOD = low
MOD = high
TA = +25°C to +70°C (Notes 2 and 6)
degrees
-0.1
0.6
Worst-Case Additional Phase
Imbalance Over Temperature
TA = +25°C to +0°C (Note 2)
-0.07
1
OSCILLATOR BUFFER, QUADRATURE GENERATOR, PRESCALER
BASEBAND AC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com