Electronic Components Datasheet Search
  English  ▼

X  

MAX2102CWI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2102CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102CWI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2102CWI Datasheet HTML 3Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 4Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 5Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 6Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 7Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 9Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 10Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Direct-Conversion Tuner ICs for
Digital DBS Applications
_______________________________________________________________________________________
7
-200
-150
-100
-50
0
50
100
0.8
1.1
1.4
1.7
2.0
2.3
LO PORT IMPEDANCE vs. FREQUENCY
(UNMATCHED)
FREQUENCY (GHz)
REAL
IMAGINARY
0
20
10
40
30
50
60
-10
-20
-25
-15
-30
-35
-40
IM3 LEVELS vs. INPUT CARRIER
POWER LEVEL
SINGLE INPUT CARRIER LEVEL (dBm)
TA = +70°C
TA = +25°C
TA = 0°C
f1 = 2148.1MHz
f2 = 2149MHz
fLO = 2151MHz
AGC SET VIA SERVO LOOP
FOR 0.5V PER TONE
0
20
10
40
50
30
60
70
-10
-20
-25
-15
-30
-35
-40
IM3 LEVELS vs. INPUT CARRIERS
POWER LEVEL
SINGLE INPUT CARRIER LEVEL (dBm)
TA = +70°C
TA = +25°C
TA = 0°C
f1 = 1448.1MHz
f2 = 1449MHz
fLO = 1451MHz
AGC SET VIA SERVO LOOP
FOR 0.5Vp-p PER TONE
Typical Operating Characteristics (continued)
(MAX2102 EV kit circuit (Figure 1), VCC = 5V, PSGND = open, MOD = GND, fRFIN = 2150MHz, PRFIN = -19dBm, fLO = 2150.125MHz,
PLO = -15dBm driven single-ended into LO, AGC set via servo loop for VIOUT = VQOUT = 0.5Vp-p, IOUT, QOUT drive AC-coupled
100
Ω loads, 2kΩ from PSOUT to GND, TA = +25°C, unless otherwise noted.)
-40
0
-20
40
20
80
60
REAL
100
0.8
1.1
1.4
1.7
2.0
2.3
LO PORT IMPEDANCE vs. FREQUENCY
FREQUENCY (GHz)
MATCHED: MAX2102 TYPICAL
OPERATING CIRCUIT
IMAGINARY
-100
-60
-80
-20
-40
20
0
40
80
60
100
0.8
1.1
1.4
1.7
2.0
2.3
RFIN PORT IMPEDANCE
vs. FREQUENCY
FREQUENCY (GHz)
REAL
IMAGINARY
MATCHED PER
EV KIT CIRCUIT
-100
-80
-90
-60
-70
-40
-50
-30
0.8
1.4
1.1
1.7
2.0
2.3
LO LEAKAGE AT RFIN vs. FREQUENCY
(SINGLE-ENDED LO DRIVE)
FREQUENCY (GHz)
PLO = -15dBm
PLO = -5dBm
PLO = -10dBm
-100
-80
-90
-60
-70
-40
-50
-30
0.8
1.4
1.1
1.7
2.0
2.3
LO LEAKAGE AT RFIN vs. FREQUENCY
(DIFFERENTIAL LO DRIVE)
FREQUENCY (GHz)
AGC SET FOR PRFIN = -69dBm
PLO REFERS TO POWER INTO
LO AND LO
PLO = -15dBm
PLO = -5dBm
PLO = -10dBm
-36
-34
-35
-32
-33
-31
-30
-20
-15
-10
-5
SPURIOUS DOWNCONVERSION DUE TO
INTERNALLY GENERATED LO 2ND HARMONIC
LO POWER (dBm)
fLO = 1075.5MHz
fRFIN = 2150MHz
PRFIN = -69dBm
LO DRIVEN
SINGLE ENDED
LO, LO DRIVEN DIFFERENTIAL
(PLO = -15dBm, PLO = -15dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com