Electronic Components Datasheet Search
  English  ▼

X  

MAX2102CWI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX2102CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102CWI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX2102CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 9Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 10Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 11Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 12Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 13Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 14Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 15Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Direct-Conversion Tuner ICs for
Digital DBS Applications
______________________________________________________________________________________
15
MHz
DESIRED
CHANNEL
(20Msps)
dBc
AT SIGNAL
POINT NO. 2
0
0
10
PASSBAND FILTER REQUIREMENTS:
(1) <20% OF BAUD PERIOD DELAY RIPPLE
(2) <0.1dB GAIN RIPPLE
TRANSITION BAND FILTER REQUIREMENTS:
< 2dB GAIN RIPPLE
FILTER CUTOFF
12
20
28
40
MHz
17.16
-30
ADC SAMPLING
TRANSPONDER SPACING = 29.16 MHz
LOWPASS FILTER RESPONSE
DESIRED
CHANNEL
(20Msps)
UNDESIRED ADJACENT CHANNEL
TRANSPONDER BW = 24MHz
dBc
AT SIGNAL
POINT NO. 1
0
0
10
DATA NYQUIST
NYQUIST FOR ADC
α = 0.2
12
20
29.16
40 41.16
17.16
-30
ADC SAMPLING
MHz
DESIRED
CHANNEL
(20Msps)
ADJ
CHANNEL
FOLDOVER
dBc
AT SIGNAL
POINT NO.3
0
0
10
ADC NYQUIST
12
20
40
17.16
-30
ADC SAMPLING
MHz
DESIRED
CHANNEL
(20Msps)
DIGITAL MATCHED FILTER
dBc
AT SIGNAL
POINT NO.4
0
10 12
40
-30
ADC SAMPLING
Figure 5. Lowpass Filtering Example. Note: Data Rate = 40Mbps, Transponder BW = 24MHz, Transponder Spacing = 29.16MHz,
Nyquist Filter:
α = 0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com