Electronic Components Datasheet Search
  English  ▼

X  

MAX2102CWI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2102CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102CWI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2102CWI Datasheet HTML 1Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 2Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 3Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 4Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 5Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 6Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 7Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Direct-Conversion Tuner ICs for
Digital DBS Applications
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2102 EV kit circuit (Figure 1); VCC = +5V; PSGND = open; MOD = GND; fRFIN = 2150MHz; PRFIN = -19dBm; fLO =
2150.125MHz; PLO = -15dBm driven single-ended into LO; AGC set via servo loop for VIOUT = VQOUT = 0.5Vp-p; IOUT, QOUT drive
AC-coupled 100
Ω loads; 2kΩ from PSOUT to GND; TA = +25°C; unless otherwise noted.)
(Note 3)
(Note 3)
VCC = 5V + 50mVp-p at 300kHz. Amplitude of
300kHz relative to 500mVp-p measured at IOUT,
QOUT. Measured using MAX2102 EV kit.
CONDITIONS
Ω
4.7
10
IOUT, QOUT Output Impedance
Ω
±1
Maximum IOUT to QOUT Output
Impedance Difference
dB
32
Power-Supply Ripple Rejection
(measured at IOUT, QOUT)
UNITS
MIN
TYP
MAX
PARAMETER
Note 1: All specifications with guaranteed min/max limits are met within this frequency range. Contact factory for
MAX2102/MAX2105 versions with expanded frequency range.
Note 2: Guaranteed by production test and/or design and characterization.
Note 3: Guaranteed by design and characterization.
Note 4: IOUT, QOUT Phase and Amplitude Imbalance specifications are met within this LO power range.
Note 5: Tested under two conditions: 1) Normal test: PRFIN = -20dBm, and 2) Overdrive test: PRFIN = -5dBm but AGC set via servo
loop for VIOUT = VQOUT = 0.5Vp-p for PRFIN = -30dBm.
Note 6: Negative numbers (-0.1°) indicate improvement in quadrature accuracy with increasing temperature.
Note 7: Includes contribution from front-end gain tilt and delay variations produced by varying fRFIN by ±30MHz.
Note 8: 1kHz minimum frequency determined by 0.22µF offset-correction capacitors. Different value capacitors yield proportionally
different low-frequency cutoffs. Group delay at low frequencies will also be affected. See
Applications Information section.
__________________________________________Typical Operating Characteristics
(MAX2102 EV kit circuit (Figure 1), VCC = 5V, PSGND = open, MOD = GND, fRFIN = 2150MHz, PRFIN = -19dBm, fLO = 2150.125MHz,
PLO = -15dBm driven single-ended into LO, AGC set via servo loop for VIOUT = VQOUT = 0.5Vp-p, IOUT, QOUT drive AC-coupled
100
Ω loads, 2kΩ from PSOUT to GND, TA = +25°C, unless otherwise noted.)
120
130
140
150
160
170
180
4.75
4.85
5.00
5.15
5.25
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = 0°C
TA = +70°C
PSGND = GND
(PRESCALER ENABLED)
TA = +25°C
-80
-60
-70
-40
-50
-30
-20
-10
0
0.8
1.2
1.4
1.0
1.6
1.8
2.0
2.2
MAX2102
AGC RANGE vs. FREQUENCY
RFIN FREQUENCY (GHz)
TA = +70°C
TA = +25°C
TA = 0°C
TA = +70°C
TA = +25°C
TA = 0°C
AGC = 4V
AGC RANGE
AGC = 1V
-80
-50
-60
-70
-40
-30
-10
-20
0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
MAX2105
AGC RANGE vs. FREQUENCY
RFIN FREQUENCY (GHz)
TA = 0°C
AGC = 1V
AGC = 4V
TA = 0°C
TA = +25°C
TA = +70°C
TA = +70°C
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com