Electronic Components Datasheet Search
  English  ▼

X  

IR2156PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2156PBF
Description  BALLAST CONTROL IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156PBF Datasheet(HTML) 3 Page - International Rectifier

  IR2156PBF Datasheet HTML 1Page - International Rectifier IR2156PBF Datasheet HTML 2Page - International Rectifier IR2156PBF Datasheet HTML 3Page - International Rectifier IR2156PBF Datasheet HTML 4Page - International Rectifier IR2156PBF Datasheet HTML 5Page - International Rectifier IR2156PBF Datasheet HTML 6Page - International Rectifier IR2156PBF Datasheet HTML 7Page - International Rectifier IR2156PBF Datasheet HTML 8Page - International Rectifier IR2156PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IR2156(S)PbF
3
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VBS
High side floating supply voltage
VBSUV+
VCLAMP
V
VS
Steady state high side floating supply offset voltage
-1
600
VCC
Supply voltage
VCCUV+
VCLAMP
ICC
Supply current
Note 2
10
mA
CT
CT lead capacitance
220
---
pF
ISD
Shutdown lead current
-1
1
mA
ICS
Current sense pin current
-1
1
TJ
Junction temperature
-25
125
ºC
Note 2: Enough current should be supplied into the VCC pin to keep the internal 15.6V zener clamp diode on this pin
regulating at its voltage, VCLAMP.
Electrical Characteristics
VCC = VBS = VBIAS = 14V +/- 0.25V, VVDC=Open, RT=40KΩ, RPH=100KΩ, CT=470 pF, VCPH=0.0V, VSD=0.0V,
VCS=0.0V, CLO=CHO=1000 pF, TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max Units
Test Conditions
Supply Characteristics
VCCUV+
VCC supply undervoltage positive going
threshold
10.5
11.5
12.5
V
VCC rising from 0V
VCCUV-
VCC supply undervoltage negative going
threshold
8.5
9.5
10.5
VCC falling from 14V
VUVHYS VCC supply undervoltage lockout hysteresis
1.5
2.0
3.0
IQCCUV UVLO mode quiescent current
50
120
200
µA
VCC=11V
IQCCFLT Fault-mode quiescent current
---
200
470
SD = 5.1V, or
CS = 1.3V
IQCC
Quiescent VCC supply current
---
1.0
1.5
mA
CT connected to COM,
VCC = 14V, RT = 15k
Ω
ICC40k VCC supply current, f = 40kHz
1.3
1.5
1.7
VCPH=12V, VVDC=12V
VCLAMP VCC zener clamp voltage
14.5
15.6
16.5
V
ICC = 5mA
Floating Supply Characteristics
IQBS0
Quiescent VBS supply current
-5
0
5
µA
VHO = VS (CT=0V)
IQBS1
Quiescent VBS supply current
---
30
50
VHO = VB (CT=14V)
ILK
Offset supply leakage current
---
---
50
µA
VB = VS = 600V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com