Electronic Components Datasheet Search
  English  ▼

X  

IR2156PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR2156PBF
Description  BALLAST CONTROL IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156PBF Datasheet(HTML) 5 Page - International Rectifier

  IR2156PBF Datasheet HTML 1Page - International Rectifier IR2156PBF Datasheet HTML 2Page - International Rectifier IR2156PBF Datasheet HTML 3Page - International Rectifier IR2156PBF Datasheet HTML 4Page - International Rectifier IR2156PBF Datasheet HTML 5Page - International Rectifier IR2156PBF Datasheet HTML 6Page - International Rectifier IR2156PBF Datasheet HTML 7Page - International Rectifier IR2156PBF Datasheet HTML 8Page - International Rectifier IR2156PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
IR2156(S)PbF
5
Electrical Characteristics
VCC = VBS = VBIAS = 14V +/- 0.25V, VVDC=Open, RT=39KΩ, RPH=100KΩ, CT=470 pF, VCPH=0.0V, VSD=0.0V,
VCS=0.0V, CLO=CHO=1000 pF, TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ Max
Units
Test Conditions
Gate Driver Output Characteristics
VOL
Low-level output voltage
---
COM
---
V
IO = 0
VOH
High-level output voltage
---
VCC
---
IO = 0
tr
Turn-on rise time
---
110
150
nsec
tf
Turn-off fall time
---
55
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com