Electronic Components Datasheet Search
  English  ▼

X  

IR2156PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR2156PBF
Description  BALLAST CONTROL IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2156PBF Datasheet HTML 3Page - International Rectifier IR2156PBF Datasheet HTML 4Page - International Rectifier IR2156PBF Datasheet HTML 5Page - International Rectifier IR2156PBF Datasheet HTML 6Page - International Rectifier IR2156PBF Datasheet HTML 7Page - International Rectifier IR2156PBF Datasheet HTML 8Page - International Rectifier IR2156PBF Datasheet HTML 9Page - International Rectifier IR2156PBF Datasheet HTML 10Page - International Rectifier IR2156PBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IR2156(S)PbF
7
State Diagram
VCC < 9.5V
(VCC Fault or Power Down)
or
SD > 5.1V
(Lamp Fault or Lamp Removal)
UVLO Mode
1/
2-Bridge Off
I
QCC ≅ 120µA
CPH = 0V
CT = 0V (Oscillator Off)
PREHEAT Mode
1/
2-Bridge oscillating @ fPH
RPH // RT
CPH Charging @ I
CPH = 5 µA
CS Enabled @ CPH > 7.5V
R
VDC to COM = 12.6kΩ @
CPH > 7.5V
VCC > 11.5V (UV+)
and
SD < 5.1V
Power Turned On
FAULT Mode
Fault Latch Set
1/
2-Bridge Off
I
QCC ≅ 180µA
CPH = 0V
VCC = 15.6V
CT = 0V (Oscillator Off)
CS > 1.3V
(Failure to Strike Lamp)
CS > 1.3V
(Lamp Removal)
or
SD > 5.1V
or
VCC < 9.5V (UV-)
(Power Turned Off)
CPH > 10V
(End of PREHEAT Mode)
RUN Mode
RPH = Open
1/2-Bridge Oscillating @
f
RUN
Ignition Ramp
Mode
RPH Open
f
PH ramps to fRUN
CPH charging
CPH > 13V
CS > 1.3V
(Lamp Fault)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com