Electronic Components Datasheet Search
  English  ▼

X  

IR2156PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR2156PBF
Description  BALLAST CONTROL IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156PBF Datasheet(HTML) 4 Page - International Rectifier

  IR2156PBF Datasheet HTML 1Page - International Rectifier IR2156PBF Datasheet HTML 2Page - International Rectifier IR2156PBF Datasheet HTML 3Page - International Rectifier IR2156PBF Datasheet HTML 4Page - International Rectifier IR2156PBF Datasheet HTML 5Page - International Rectifier IR2156PBF Datasheet HTML 6Page - International Rectifier IR2156PBF Datasheet HTML 7Page - International Rectifier IR2156PBF Datasheet HTML 8Page - International Rectifier IR2156PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IR2156(S)PbF
4
Electrical Characteristics
VCC = VBS = VBIAS = 14V +/- 0.25V, VVDC=Open, RT=40KΩ, RPH=100KΩ, CT=470 pF, VCPH=0.0V, VSD=0.0V,
VCS=0.0V, CLO=CHO=1000 pF, TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max Units
Test Conditions
Oscillator, Ballast Control, I/O Characteristics
fOSCRUN Oscillator frequency during RUN mode
36.0
40.0
44.0
kHz
VVDC=14V,
VCPH=Open
fOSCPH Oscillator frequency during PH mode
49.0
55.0
60.0
VVDC=14V,
VCPH=COM
d
Oscillator duty cycle
---
50
---
%
VCT+
Upper CT ramp voltage threshold
---
8.3
---
V
VCC=14V
VCT-
Lower CT ramp voltage threshold
---
4.8
---
VCTFLT
Fault-mode CT pin voltage
---
0
---
SD>5.1V or CS>1.3V
tDLO
LO output deadtime
---
2.0
---
µsec
tDHO
HO output deadtime
---
2.0
---
RDT
Internal deadtime resistor
---
3
---
k
Ω
Preheat Characteristics
ICPH
CPH pin charging current
3.6
4.3
5.2
µA
CT=10V, VDC=5V,
VCPH=0V
VCPHFLT Fault-mode CPH pin voltage
---
0
---
mV
SD>5.1V or CS>1.3V
RPH Characteristics
IRPHLK
Open circuit RPH pin leakage current
---
0.1
---
µA
CT=10V
VRPHFLT Fault-mode RPH pin voltage
---
0
---
mV
SD>5.1V or CS>1.3V
RT Characteristics
IRTLK
Open circuit RT pin leakage current
---
0.1
---
µA
CT=10V
VRTFLT
Fault-mode RT pin voltage
---
0
---
mV
SD>5.1V or CS>1.3V
Protection Circuitry Characteristics
VSDTH+
Rising shutdown pin threshold voltage
---
5.1
---
V
VSDHYS SD pin Reset threshold voltage
---
450
---
mV
VCSTH+
Over-current sense threshold voltage
1.1
1.25
1.44
V
tCS
Over-current sense propogation delay
---
160
---
nsec
Delay from CS to LO
VCSPW
Over-current sense minimum pulse width
---
135
---
VCS pulse amplitude =
VCSTH + 100mV
RVDC
DC bus sensing resistor
7.5
10.0
14.0
k
Ω
VCPH>12V, VDC=7V,
CT=0
VCPH-VDC CPH to VDC offset voltage
10.3
10.9
11.4
V
VCPH open, VDC=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com