Electronic Components Datasheet Search
  English  ▼

X  

IR2156PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR2156PBF
Description  BALLAST CONTROL IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2156PBF Datasheet HTML 2Page - International Rectifier IR2156PBF Datasheet HTML 3Page - International Rectifier IR2156PBF Datasheet HTML 4Page - International Rectifier IR2156PBF Datasheet HTML 5Page - International Rectifier IR2156PBF Datasheet HTML 6Page - International Rectifier IR2156PBF Datasheet HTML 7Page - International Rectifier IR2156PBF Datasheet HTML 8Page - International Rectifier IR2156PBF Datasheet HTML 9Page - International Rectifier IR2156PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IR2156(S)PbF
6
Block Diagram
RT
CPH
VB
HO
VS
LO
CS
Vcc
CT
RPH
COM
R
V
TH
R
ICPH
R
Under-
Voltage
Detect
Fault
Logic
Driver
Logic
High-
Side
Driver
Low-
Side
Driver
Comp 1
Schmitt 1
SD
5.1V
Soft
Start
1.3V
R
R
2.5K
40K
S1
S2
S3
S4
Q
T
R
Q
S6
Comp 2
Comp 3
Q
S
R2 Q
R1
VDC
10K
5.1V
5.1V
RDT
RVDC
Pin Assignments & Definitions
10
Pin Assignments
1
2
3
4
5
6
7
9
8
NC
VCC
VDC
RT
RPH
COM
CT
CS
LO
VS
HO
VB
CPH
SD
14
13
12
11
Pin #
Symbol
Description
1
14
13
3
12
7
6
5
4
2
RT
VS
HO
NC
SD
CPH
CT
RPH
Minimum Frequency Timing Resistor
Preheat Frequency Timing Resistor
Oscillator Timing Capacitor
Preheat Timing Capacitor
High-Side Gate Driver Output
High-Side Floating Return
CS
Current Sensing Input
9
11
10
8
LO
VB
VCC
COM
IC Power & Signal Ground
Logic & Low-Side Gate Driver Supply
High-Side Gate Driver Floating Supply
Low-Side Gate Driver Output
Shutdown Input
No Connect
VDC
IC Start-up and DC Bus Sensing Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com