Electronic Components Datasheet Search
  English  ▼

X  

IR2301 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2301
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2301 Datasheet(HTML) 5 Page - International Rectifier

  IR2301 Datasheet HTML 1Page - International Rectifier IR2301 Datasheet HTML 2Page - International Rectifier IR2301 Datasheet HTML 3Page - International Rectifier IR2301 Datasheet HTML 4Page - International Rectifier IR2301 Datasheet HTML 5Page - International Rectifier IR2301 Datasheet HTML 6Page - International Rectifier IR2301 Datasheet HTML 7Page - International Rectifier IR2301 Datasheet HTML 8Page - International Rectifier IR2301 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IR2301(S) & (PbF)
www.irf.com
5
Lead Assignments
8 Lead PDIP
8 Lead SOIC
IR2301
IR2301S
1
2
3
4
8
7
6
5
VCC
HIN
LIN
COM
VB
HO
VS
LO
1
2
3
4
8
7
6
5
VCC
HIN
LIN
COM
VB
HO
VS
LO
Figure 3. Delay Matching Waveform Definitions
HIN
LIN
HO
50%
50%
10%
LO
90%
MT
HO
LO
MT
Figure 1. Input/Output Timing Diagram
HIN
LIN
HO
LO
Figure 2. Switching Time Waveform Definitions
HIN
LIN
tr
ton
tf
toff
HO
LO
50%
50%
90%
90%
10%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com