Electronic Components Datasheet Search
  English  ▼

X  

IR2301 Datasheet(PDF) 12 Page - International Rectifier

Part # IR2301
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2301 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2301 Datasheet HTML 8Page - International Rectifier IR2301 Datasheet HTML 9Page - International Rectifier IR2301 Datasheet HTML 10Page - International Rectifier IR2301 Datasheet HTML 11Page - International Rectifier IR2301 Datasheet HTML 12Page - International Rectifier IR2301 Datasheet HTML 13Page - International Rectifier IR2301 Datasheet HTML 14Page - International Rectifier IR2301 Datasheet HTML 15Page - International Rectifier IR2301 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
IR2301(S) & (PbF)
12
www.irf.com
0
1
2
3
4
5
-50-25
0
25
50
75100
125
Temperature (oC)
Max.
0
1
2
3
4
5
510
15
20
Supply Voltage (V)
Max.
2
3
4
5
6
-50-25
0
25
50
75100
125
Temperature (oC)
Mi
n.
Typ.
Max.
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (oC)
Mi
n.
Typ.
Max.
Figure 16A. Logic “0” Input Bias Current
vs. Temperature
Figure 16B. Logic “0” Input Bias Currentt
vs. Supply Voltage
Figure 17. VCC and VBS Undervoltage Threshold (+)
vs. Temperature
Figure 18. VCC and VBS Undervoltage Threshold (-)
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com