Electronic Components Datasheet Search
  English  ▼

X  

IR2301 Datasheet(PDF) 13 Page - International Rectifier

Part # IR2301
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2301 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2301 Datasheet HTML 9Page - International Rectifier IR2301 Datasheet HTML 10Page - International Rectifier IR2301 Datasheet HTML 11Page - International Rectifier IR2301 Datasheet HTML 12Page - International Rectifier IR2301 Datasheet HTML 13Page - International Rectifier IR2301 Datasheet HTML 14Page - International Rectifier IR2301 Datasheet HTML 15Page - International Rectifier IR2301 Datasheet HTML 16Page - International Rectifier IR2301 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IR2301(S) & (PbF)
www.irf.com
13
0
100
200
300
400
-50
-25
0
25
50
75
100
125
Temperature (oC)
Mi
n.
Typ.
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
125
Temperature (oC)
Mi
n.
Typ.
Figure 19A. Output Source Current
vs. Temperature
Figure 19B. Output Source Current
vs. Supply Voltage
Figure 20A. Output Sink Current
vs. Temperature
Figure 20B. Output Sink Current
vs. Supply Volta
ge
0
100
200
300
400
510
15
20
Supply Voltage (V)
Typ.
Mi
n.
0
100
200
300
400
500
600
510
15
20
Supply Voltage (V)
Typ.
Mi
n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com