Electronic Components Datasheet Search
  English  ▼

X  

IR2301 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2301
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2301 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2301 Datasheet HTML 7Page - International Rectifier IR2301 Datasheet HTML 8Page - International Rectifier IR2301 Datasheet HTML 9Page - International Rectifier IR2301 Datasheet HTML 10Page - International Rectifier IR2301 Datasheet HTML 11Page - International Rectifier IR2301 Datasheet HTML 12Page - International Rectifier IR2301 Datasheet HTML 13Page - International Rectifier IR2301 Datasheet HTML 14Page - International Rectifier IR2301 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
IR2301(S) & (PbF)
www.irf.com
11
0
100
200
300
400
-50
-25
0
25
50
75
100
125
Temperature (oC)
Mi
n.
Typ.
Max.
0
100
200
300
400
510
15
20
V
CC Supply Voltage (V)
Typ.
Max.
Mi
n.
0
10
20
30
40
50
60
-50
-25
0
255075
100
125
Temperature (oC)
Typ.
Max.
Figure 14A. Quiescent VCC Supply Current
vs. Temperature
Figure 14B. Quiescent VCC Supply Current
vs. VCC Supply Voltage
Figure 15A. Logic “1” Input Bias Current
vs. Temperature
Figure 15B. Logic “1” Input Bias Current
vs. Supply Volta
ge
0
10
20
30
40
50
510
15
20
Supply Voltage (V)
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com