Electronic Components Datasheet Search
  English  ▼

X  

IR2301 Datasheet(PDF) 6 Page - International Rectifier

Part # IR2301
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2301 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2301 Datasheet HTML 2Page - International Rectifier IR2301 Datasheet HTML 3Page - International Rectifier IR2301 Datasheet HTML 4Page - International Rectifier IR2301 Datasheet HTML 5Page - International Rectifier IR2301 Datasheet HTML 6Page - International Rectifier IR2301 Datasheet HTML 7Page - International Rectifier IR2301 Datasheet HTML 8Page - International Rectifier IR2301 Datasheet HTML 9Page - International Rectifier IR2301 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IR2301(S) & (PbF)
6
www.irf.com
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Typ.
Max.
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
125
Temperature (oC)
Typ.
Max.
Figure 4A. Turn-on Propagation Delay
vs. Temperature
Figure 4B. Turn-on Propagation Delay
vs. Supply Voltage
Figure 5A. Turn-off Propagation Delay
vs. Temperature
Figure 5B. Turn-off Propagation Delay
vs. Supply Volta
ge
100
200
300
400
500
600
700
800
510
15
20
Supply Voltage (V)
Typ.
Max.
100
200
300
400
500
600
700
510
15
20
Supply Voltage (V)
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com