Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3535
Description  Single reference based current reporting output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3535 Datasheet HTML 3Page - International Rectifier IR3535 Datasheet HTML 4Page - International Rectifier IR3535 Datasheet HTML 5Page - International Rectifier IR3535 Datasheet HTML 6Page - International Rectifier IR3535 Datasheet HTML 7Page - International Rectifier IR3535 Datasheet HTML 8Page - International Rectifier IR3535 Datasheet HTML 9Page - International Rectifier IR3535 Datasheet HTML 10Page - International Rectifier IR3535 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
7
IR3535 
Synchronous Buck Converter Driver 
PARAMETER 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
PWM Comparator 
High Side Switch Threshold 
PWM Low or PWM Tri‐State to High 
2.5  
  
  
V 
Low Side Switch Threshold 
PWM High or PWM Tri‐State to Low   
  
0.8 
V 
PWM Tri‐State Float Voltage 
Floating 
1.2  
1.65 
2.1 
V 
Hysteresis 
Active to Tri‐State to Active, Note 1 
65 
76 
100 
mV 
Tri‐State Propagation Delay Time 
CPWM = 20pF, measure from V(PWM) = 0V 
to GATEL < 1V 
  
  
190 
ns 
CPWM = 20pF, measure from V(PWM) = 5V 
release to GATEH < 1V 
  
380 
ns 
PWM Input 
Sinking Impedance   
3.67 
5.1 
8.7 
KΩ 
Source Impedance   
 3.67 
5.1 
8.7  
KΩ 
GATEH Turn‐Off Propagation Delay 
Measure from V(PWM) falling edge to 
GATEH < 1V 
  
25 
45 
ns 
Current Sense Amplifier 
CSIN+/‐ Bias Current  
‐100 
0 
100 
nA 
Input Offset Voltage 
CSIN+ = CSIN‐ = REFIN, measure input 
referred offset from REFIN 
‐750  
750 
µV 
Calibrated Input Offset Voltage 
Self‐calibrated offset, Note 1 ‐450 
0 
450 
µV 
Gain 
0.5V ≤ V(REFIN) < 2.25 
30 
32.5 
35 
V/V 
Unity Gain Bandwidth 
C(IOUT) = 10pF, measure at IOUT. Note 1 
4.8 
6.8 
8.8 
MHz 
Slew Rate   
 
6  
V/µs 
Differential Input Range 
  
0.8V ≤ V(REFIN) ≤ 2.25V, Note 1 ‐10  
25 
mV 
0.25V ≤ V(REFIN) ≤ 0.8V, Note 1 ‐5  
25 
mV 
Common Mode Input Range  
0  
VCC – 
2.5 
V 
Output Impedance  
 
62 
200 Ω 
IOUT Sink Current 
Driving external 3 kΩ 
0.5 
0.8 
1.1 
mA 
Bootstrap Diode 
Forward Voltage 
I(BOOST) = 30mA, VCC = 6.8V 
360 
520 
960 
mV 
Digital Output ― Phase Fault 
VOH 
HIGH Level Pull‐Up Voltage  
 
7 
V 
VOL 
I(PHSFLT#) = 4mA  
150 
300 
mV 
Leakage Current 
V(PHSFLT#) = 5.5V  
0 
1 
µA 
Phase Fault Detection 
Top Side Threshold 
Measure from Vin to SW 
1.9 
2.2 
2.5 
V 
Bottom Side Threshold  
150 
200 
250 
mV 
Bottom FET Open Threshold  
‐250 ‐215 ‐180 
mV 
Propagation Delay 
PWM High to PWM Low Cycles  
15  
Cycles 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com