Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3535
Description  Single reference based current reporting output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 1 Page - International Rectifier

  IR3535 Datasheet HTML 1Page - International Rectifier IR3535 Datasheet HTML 2Page - International Rectifier IR3535 Datasheet HTML 3Page - International Rectifier IR3535 Datasheet HTML 4Page - International Rectifier IR3535 Datasheet HTML 5Page - International Rectifier IR3535 Datasheet HTML 6Page - International Rectifier IR3535 Datasheet HTML 7Page - International Rectifier IR3535 Datasheet HTML 8Page - International Rectifier IR3535 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
1
IR3535 
Synchronous Buck Converter Driver 
FEATURES 
• 5V to 7V gate drivers with 6A GATEL sink current 
and 4A GATEH sink current  
• 4.5V to 14V VIN range 
• Local lossless inductor current sensing with 
improved noise immunity and accuracy  
• Single reference based current reporting output 
• Integrated bootstrap synchronous PFET 
• Tri‐state PWM diode emulation mode for optimal 
light load efficiency 
• 7V tolerant PWM input compatible with 3.3V logic 
• MOSFET monitoring with PHSFLT output 
• Over temperature reporting 
• Only four external components per phase 
• Self‐calibration of current sense amplifier input 
offset to maximize accuracy 
• Body‐Braking™ feature with active low logic 
• RoHS compliant , small thermally enhanced  
16L 3 X 3mm MLPQ package  
APPLICATIONS 
• Server, notebook and desktop computers 
• Game consoles 
• Consumer electronics – STB, LCD, TV, printers 
• General purpose POL DC‐DC converters 
BASIC APPLICATION 
SW
PWM
VIN
PGND
VCC
VCC
BOOST
VIN
VOUT
PWM
CSIN+
CSIN‐
4.5V to 7V
LGND
IOUT
IOUT
BBRK#
BBRK#
REFIN
REFIN
4.5V to 14V
IR3535
PHSFLT#
PHSFLT#
GATEL
GATEH
PVCC
TGND
 
Figure 1: IR3535 Basic Application Circuit 
DESCRIPTION 
The  IR3535  is  a  high  performance,  floating  N‐channel 
MOSFET  driver  that  is  optimized  for  maximum  efficiency 
delivery  of  a  synchronous  buck  converter.  It  is  a  “Smart” 
driver  that  continually  monitors  MOSFET  conditions, 
contains  self‐calibrating  inductor  current  sense  amplifier, 
and provides diode emulation mode with local zero current 
detection.  
The  integrated  current  sense  amplifier  achieves  superior 
current  sense  accuracy  vs.  best‐in‐class  controller  based 
inductor DCR sense methods while delivering the clean and 
accurate current report information. 
The  IR  patented  Body‐Braking
™  feature  reduces  inductor 
to  output  capacitor  energy  transfer  during  load  release 
which allows the output capacitor bank to be reduced.   
Diode  emulation  mode  in  the  IR3535  alleviates  the  zero‐
current  detection  and  control  burden  from  the  PWM 
controller and increases system light load efficiency.  
The IR3535 monitors MOSFET conditions and temperature 
and reports phase fault if MOSFET short, MOSFET open or 
over temperature is detected.     
Up to 1.0MHz switching frequency capability enables high 
performance transient response, miniaturization of output 
inductors,  as  well  as  reduced  input  and  output  capacitors 
while  maintaining  industry  leading  efficiency.   Solution 
size,  thermal  performance  and  cost  can  be  optimized  by 
combining  with  IR’s  DirectFET
™  MOSFETs  and  utilizing  a 
dual sided layout. 
 
Figure 2: IR3535 Gate Driver Waveforms 
PWM 
5V/div
GATEH 
10V/div
GATEL 
5V/div 
100ns/div 


Similar Part No. - IR3535

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3535 IRF-IR3535 Datasheet
374Kb / 17P
Synchronous Buck Converter Driver Over temperature reporting
IR3535MTRPBF IRF-IR3535MTRPBF Datasheet
374Kb / 17P
Synchronous Buck Converter Driver Over temperature reporting
More results

Similar Description - IR3535

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-24 RECOM-RCD-24 Datasheet
178Kb / 4P
Constant Current Single Output
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
June 8, 2011
logo
Texas Instruments
TPS20XXC TI1-TPS20XXC Datasheet
1Mb / 26P
Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Sanken electric
SPF5047 SANKEN-SPF5047 Datasheet
469Kb / 15P
Fault Flag Reporting
logo
Unisonic Technologies
LMV3012G-AG6-R UTC-LMV3012G-AG6-R Datasheet
159Kb / 6P
Reference output current
logo
STMicroelectronics
AN2393 STMICROELECTRONICS-AN2393 Datasheet
608Kb / 35P
Reference design: wide range 200W L6599-based
25-Oct-2007
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com