Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3535
Description  Single reference based current reporting output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3535 Datasheet HTML 7Page - International Rectifier IR3535 Datasheet HTML 8Page - International Rectifier IR3535 Datasheet HTML 9Page - International Rectifier IR3535 Datasheet HTML 10Page - International Rectifier IR3535 Datasheet HTML 11Page - International Rectifier IR3535 Datasheet HTML 12Page - International Rectifier IR3535 Datasheet HTML 13Page - International Rectifier IR3535 Datasheet HTML 14Page - International Rectifier IR3535 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
11
IR3535 
Synchronous Buck Converter Driver 
MOSFETs  it  drives.  If  the  switch  node  is  a  certain  voltage 
lower  than  VIN  when  the  PWM  signal  goes  low  or  if  the 
switch  node  is  a  certain  voltage  above  ground  when  the 
PWM signal rises, this gives a possible fault signal. If there 
are a number of consecutive possible faults the phase fault 
signal is asserted.  
Thermal  flag  circuit  monitors  the  temperature  of  the 
IR3535  driver.  If  the  temperature  goes  above  115°C 
(typical)  the  PHSFLT#  pin  is  pulled  low  after  a  maximum 
delay  of  100us.  The  PHSFLT#  becomes  high  once  the 
temperature drops below 95°C (typical). 
The PHSFLT# pin can be pulled low by either the MOSFET 
fault circuit or the thermal flag circuit. The PHSFLT# signal 
could  be  used  to  turn  off  the  AC/DC  converter  or  blow  a 
fuse  to  disconnect  the  DC/DC  converter  input  from  the 
supply. 
If  PHSFLT#  is  not  used  it  can  be  floated  or  connected  to 
LGND. 
LOSSLESS AVERAGE INDUCTOR 
CURRENT SENSING 
Inductor  current  can  be  sensed  by  connecting  a  series 
resistor  and  a  capacitor  network  in  parallel  with  the 
inductor  and  measuring  the  voltage  across  the  capacitor, 
as shown in Figure 10.  
 
 
 
 
 
 
Figure 10: Inductor Current Sensing 
The equation of the sensing network is as follows. 
CS
CS
L
L
L
CS
CS
L
CS
C
sR
R
L
s
R
s
i
C
sR
s
v
s
v
+
+
=
+
=
1
1
)
(
1
1
)
(
)
(
 
L
L
R
s
i
)
(
=
CS
CS
L
C
R
R
L
when
=
Usually the resistor RCS and capacitor CCS are chosen so that 
the time constant of RCS and CCS equals the time constant 
of the inductor which is the inductance L over the inductor 
DCR  (RL).  If  the  two  time  constants  match,  the  voltage 
across CCS is proportional to the current through L, and the 
sense circuit can be treated as if only a sense resistor with 
the  value  of  RL  was  used.  The  mismatch  of  the  time 
constants does not affect the measurement of inductor DC 
current,  but  affects  the  AC  component  of  the  inductor 
current.  
The  advantage  of  sensing  the  inductor  current  versus  
high side or low side sensing is that actual output current 
being  delivered  to  the  load  is  obtained  rather  than  peak  
or  sampled  information  about  the  switch  currents.  
The  output  voltage  can  be  positioned  to  meet  a  load  line 
based on real time information. Except for a sense resistor 
in  series  with  the  inductor,  this  is  the  only  sense  method 
that  can  support  a  single  cycle  transient  response.  
Other  methods  provide  no  information  during  either  
load  increase  (low  side  sensing)  or  load  decrease  (high  
side sensing).  
CURRENT SENSE AMPLIFIER 
A high speed differential current sense amplifier is located 
in  the  IR3535,  as  shown  in  Figure  4.  Its  gain  is  nominally 
32.5,  and  the  inductor  DCR  increase  with  temperature  is 
not  compensated  inside  the  IR3535  and  should  be 
compensated  in  the  voltage  loop  feedback  path  or  inside 
the  PWM  controller.  The  current  sense  amplifier  output 
IOUT is referenced to REFIN, which is usually connected to 
a reference voltage from the PWM controller.  
The current sense amplifier can accept up to 25mV positive 
differential  signal  and  up  to ‐10mV  negative  differential 
signal  before  clipping.  The  output  of  the  current  sense 
amplifier  is  summed  with  the  reference  voltage  at  REFIN 
pin and sent to the PWM controller through IOUT pin. The 
current signal can be used for adaptive voltage positioning 
and  over  current  protection.  The  input  offset  of  this 
amplifier is calibrated to +/‐ 450uV in order to reduce the 
current sense error. 
The input offset voltage is the primary source of error for 
the current signal. In order to obtain very accurate current 
signal,  the  current  sense  amplifier  continuously  calibrates 
itself.  This  calibration  algorithm  creates  ripple  on  IOUT 
with a frequency of fsw/128. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com