Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 14 Page - International Rectifier

Part # IR3535
Description  Single reference based current reporting output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 14 Page - International Rectifier

Back Button IR3535 Datasheet HTML 9Page - International Rectifier IR3535 Datasheet HTML 10Page - International Rectifier IR3535 Datasheet HTML 11Page - International Rectifier IR3535 Datasheet HTML 12Page - International Rectifier IR3535 Datasheet HTML 13Page - International Rectifier IR3535 Datasheet HTML 14Page - International Rectifier IR3535 Datasheet HTML 15Page - International Rectifier IR3535 Datasheet HTML 16Page - International Rectifier IR3535 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
14
IR3535 
Synchronous Buck Converter Driver 
SOLDER RESIST 
• The solder resist should be pulled away from  
the metal lead lands by a minimum of 0.06mm.  
The solder resist miss‐alignment is a maximum  
of 0.05mm and it is recommended that the lead 
lands are all Non Solder Mask Defined (NSMD).  
Therefore pulling the S/R 0.06mm will always 
ensure NSMD pads. 
• The minimum solder resist width is 0.13mm. 
• At the inside corner of the solder resist where  
the lead land groups meet, it is recommended  
to provide a fillet so a solder resist width of  
≥ 0.17mm remains. 
• The land pad should be Solder Mask Defined (SMD), 
with a minimum overlap of the solder resist onto the 
copper of 0.06mm to accommodate solder resist 
miss‐alignment. In 0.5mm pitch cases it is allowable 
to have the solder resist opening for the land pad to 
be smaller than the part pad. 
• Ensure that the solder resist in‐between the lead 
lands and the pad land is ≥ 0.15mm due to the high 
aspect ratio of the solder resist strip separating the 
lead lands from the pad land. 
• The four vias in the land pad should be tented or 
plugged from bottom board side with solder resist. 
Figure 12: Solder resist 
 
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com